Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AA128GMMTH Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE25AA128GMMTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GMMTH Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE25AA128GMMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
5
Device Operation
The ACE25AA128G features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip
Select (CS#), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are
supported. Input data is latched on the rising edge of SCLK and data shifts out on the falling edge of
SCLK. Note: “WP#” & “HOLD#” pin require external pull-up.
Dual SPI
The ACE25AA128G supports Dual SPI operation when using the “Dual Output Fast Read” and “Dual I/O
Fast Read” (3BH and BBH) commands. These commands allow data to be transferred to or from the
device at two times the rate of the standard SPI. When using the Dual SPI command the SI and SO pins
become bidirectional I/O pins: IO0 and IO1. Note: “WP#” & “HOLD#” pin require external pull-up.
Quad SPI
The ACE25AA128G supports Quad SPI operation when using the “Quad Output Fast Read”, “Quad I/O
Fast Read”, “Quad I/O Word Fast Read” (6BH, EBH, E7H) commands. These commands allow data to be
transferred to or from the device at four times the rate of the standard SPI. When using the Quad SPI
command the SI and SO pins become bidirectional I/O pins: IO0 and IO1, and WP# and HOLD# pins
become IO2 and IO3. Quad SPI commands require the non-volatile Quad Enable bit (QE) in Status
Register to be set .
QPI
The ACE25AA128G supports Quad Peripheral Interface (QPI) operations only when the device is
switched from Standard/Dual/Quad SPI mode to QPI mode using the “Enable the QPI (38H)” command.
The QPI mode utilizes all four IO pins to input the command code. Standard/Dual/Quad SPI mode and
QPI mode are exclusive. Only one mode can be active at any given times. “Enable the QPI (38H)” and
“Disable the QPI (FFH)” commands are used to switch between these two modes. Upon power-up and
after software reset using “”Reset (99H)” command, the default state of the device is Standard/Dual/Quad
SPI mode. The QPI mode requires the non- volatile Quad Enable bit (QE) in Status Register to be set.
Hold
The HOLD# signal goes low to stop any serial communications with the device, but doesn’t stop the
operation of write status register, programming, or erasing in progress .
The operation of HOLD, need CS# keep low, and starts on falling edge of the HOLD# signal, with SCLK
signal being low (if SCLK is not being low, HOLD operation will not start until SCLK being low). The HOLD
condition ends on rising edge of HOLD# signal with SCLK being low (If SCLK is not being low, HOLD
operation will not end until SCLK being low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com