Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AA128GMMTH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25AA128GMMTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GMMTH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25AA128GMMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AA128GMMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
1
Description
The ACE25AA128G (128M-bit) Serial Peripheral Interface (SPI). and supports the Dual/Quad SPI:
Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2 (WP#), and I/O3 (HOLD#). The Dual I/O
data is transferred with speed of 216Mbits/s and the Quad I/O & Quad output data is transferred wit speed
of 432 Mbits/s.
Features
128M-bit Serial Flash
16,384K-byte
256 bytes per programmable page
Support SFDP & Unique ID
Standard, Dual, Quad SPI
Standard SPI: SCLK, CS#, SI, SO, SO, WP#, HOLD#
Dual SPI: SCLK, CS#, IO0, IO1, WP#, HOLD#
Quad SPI: SCLK, CS#, IO0, IO1, IO2, IO3
QPI: SCLK, CS#, IO0, IO1, IO2, IO3
Flexible Architecture
Sector of 4K-byte
Block of 32/64k-byte
Advanced security Features
4*256-Byte Security Registers With OTP Lock
Software/Hardware Write Protection
Write protect all/portion of memory via software
Enable/Disable protection with WP# Pin
Top or Bottom, Sector or Block selection
Package Options
See 1.1 Available Ordering OPN
All Pb-free packages are compliant RoHS, Halogen-Free and REACH.
Temperature Range & Moisture Sensitivity Level
Industrial Level Temperature (-40~+85°C), MSL3
Industrial Plus Level Temperature (-40°C to +105°C), MSL1
Low Power Consumption
20mA maximum active current
0.2uA maximum standby current


Similar Part No. - ACE25AA128GMMTH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25AA160G ACE-ACE25AA160G Datasheet
1Mb / 46P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
ACE25AA160GFMLTH ACE-ACE25AA160GFMLTH Datasheet
1Mb / 46P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
ACE25AA160GFMLUH ACE-ACE25AA160GFMLUH Datasheet
1Mb / 46P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
ACE25AA160GFMTH ACE-ACE25AA160GFMTH Datasheet
1Mb / 46P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
ACE25AA160GFMUH ACE-ACE25AA160GFMUH Datasheet
1Mb / 46P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
More results

Similar Description - ACE25AA128GMMTH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
3.0V Serial Quad I/O (SQI) Flash Memory
2013
logo
Micron Technology
N25Q064A13ESFA0F MICRON-N25Q064A13ESFA0F Datasheet
1Mb / 81P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q512A13GSF40F MICRON-N25Q512A13GSF40F Datasheet
1Mb / 91P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q032A11EF640F MICRON-N25Q032A11EF640F Datasheet
884Kb / 82P
Micron Serial NOR Flash Memory 1.8V, Multiple I/O, 4KB Sector Erase
logo
ACE Technology Co., LTD...
ACE25AA160G ACE-ACE25AA160G Datasheet
1Mb / 46P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
ACE25AA320G ACE-ACE25AA320G Datasheet
2Mb / 67P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
ACE25AA400G ACE-ACE25AA400G Datasheet
2Mb / 49P
Serial NOR Flash Memory 4M bits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.3
ACE25AA640G ACE-ACE25AA640G Datasheet
2Mb / 65P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.1
ACE25AA800G ACE-ACE25AA800G Datasheet
2Mb / 50P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.1
ACE25AB400G ACE-ACE25AB400G Datasheet
1Mb / 37P
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com