Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AA320GTMTH Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE25AA320GTMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GTMTH Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GTMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
7
Table 1.ACE25AA320G Protected Area Sizes (CMP=0)
Status bit
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
X
0
0
0
None
None
None
None
0
0
0
0
1
63
3F0000H – 3FFFFFH
64KB
Upper 1/64
0
0
0
1
0
62 to 63
3E0000H – 3FFFFFH
128K
Upper 1/32
0
0
0
1
1
60 to 63
3C0000H – 3FFFFFH
256K
Upper 1/16
0
0
1
0
0
56 to 63
380000H – 3FFFFFH
512K
Upper 1/8
0
0
1
0
1
48 to 63
300000H – 3FFFFFH
1MB
Upper 1/4
0
0
1
1
0
32 to 63
200000H – 3FFFFFH
2MB
Upper 1/2
0
1
0
0
1
0
000000H – 00FFFFH
64KB
Lower 1/64
0
1
0
1
0
0 to 1
000000H – 01FFFFH
128KB
Lower 1/32
0
1
0
1
1
0 to 3
000000H – 03FFFFH
256KB
Lower 1/16
0
1
1
0
0
0 to 7
000000H – 07FFFFH
512KB
Lower 1/8
0
1
1
0
1
0 to 15
000000H – 0FFFFFH
1MB
Lower 1/4
0
1
1
1
0
0 to 31
000000H – 1FFFFFH
2MB
Lower 1/2
X
X
1
1
1
0 to 63
000000H – 3FFFFFH
4MB
ALL
1
0
0
0
1
63
3FF000H – 3FFFFFH
4KB
Top Block
1
0
0
1
0
63
3FE000H – 3FFFFFH
8KB
Top Block
1
0
0
1
1
63
3FC000H – 3FFFFFH
16KB
Top Block
1
0
1
0
X
63
3F8000H – 3FFFFFH
32KB
Top Block
1
0
1
1
0
63
3F8000H – 3FFFFFH
32KB
Top Block
1
1
0
0
1
0
000000H – 000FFFH
4KB
Bottom Block
1
1
0
1
0
0
000000H – 001FFFH
8KB
Bottom Block
1
1
0
1
1
0
000000H – 003FFFH
16KB
Bottom Block
1
1
1
0
X
0
000000H – 007FFFH
32KB
Bottom Block
1
1
1
1
0
0
000000H – 007FFFH
32KB
Bottom Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com