Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AA320GTMTH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25AA320GTMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GTMTH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25AA320GTMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AA320GTMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
1
Description
The ACE25AA320G (32M-bit) Serial Peripheral Interface (SPI). and supports the Dual/Quad SPI:
Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2 (WP#), and I/O3 (HOLD#). The Dual I/O
data is transferred with speed of 240Mbits/s and the Quad I/O & Quad output data is transferred wit speed
of 432Mbits/s.
Features
32M-bit Serial Flash
4096K-byte
256 bytes per programmable page
Standard, Dual, Quad SPI
Standard SPI: SCLK, CS#, SI, SO, SO, WP#, HOLD#
Dual SPI: SCLK, CS#, IO0, IO1, WP#, HOLD#
Quad SPI: SCLK, CS#, IO0, IO1, IO2, IO3
QPI: SCLK, CS#, IO0, IO1, IO2, IO3
Flexible Architecture
Sector of 4K-byte
Block of 32/64k-byte
Erase/Program Suspend/Resume
Advanced security Features
4*256-Byte Security Registers With OTP Lock
Software/Hardware Write Protection
Write protect all/portion of memory via software
Enable/Disable protection with WP# Pin
Top or Bottom, Sector or Block selection
Package Options
See 1.1 Available Ordering OPN
All Pb-free packages are compliant RoHS, Halo- gen-Free and REACH.
Temperature Range & Moisture Sensitivity Level
Industrial Level Temperature (-40~85°C), MSL3
Industrial Plus Level Temperature (-40°C to +105°C), MSL1
Low Power Consumption
20mA maximum active current
0.2uA maximum standby current


Similar Part No. - ACE25AA320GTMTH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25AA128G ACE-ACE25AA128G Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
ACE25AA128GFMLTH ACE-ACE25AA128GFMLTH Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
ACE25AA128GFMLUH ACE-ACE25AA128GFMLUH Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
ACE25AA128GFPTH ACE-ACE25AA128GFPTH Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
ACE25AA128GFPUH ACE-ACE25AA128GFPUH Datasheet
3Mb / 71P
Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
More results

Similar Description - ACE25AA320GTMTH

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q064A13ESFA0F MICRON-N25Q064A13ESFA0F Datasheet
1Mb / 81P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q512A13GSF40F MICRON-N25Q512A13GSF40F Datasheet
1Mb / 91P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q032A11EF640F MICRON-N25Q032A11EF640F Datasheet
884Kb / 82P
Micron Serial NOR Flash Memory 1.8V, Multiple I/O, 4KB Sector Erase
MT25QL256ABA MICRON-MT25QL256ABA Datasheet
1Mb / 97P
3V, Multiple I/O, 4KB, 32KB, 64KB, Sector Erase
logo
ACE Technology Co., LTD...
ACE25AA160G ACE-ACE25AA160G Datasheet
1Mb / 46P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
ACE25AA640G ACE-ACE25AA640G Datasheet
2Mb / 65P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.1
ACE25AA800G ACE-ACE25AA800G Datasheet
2Mb / 50P
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.1
logo
Micron Technology
MT25QL02GCBB MICRON-MT25QL02GCBB Datasheet
1Mb / 92P
2Gb, 3V Multiple I/O Serial Flash Memory 3V, Multiple I/O, 4KB, 32KB, 64KB Sector Erase
Rev. G 05/19 EN
MT25QL128ABA MICRON-MT25QL128ABA Datasheet
1Mb / 93P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB, 32KB, 64KB, Sector Erase
2014
MT25QL01GBBB MICRON-MT25QL01GBBB Datasheet
1Mb / 95P
Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB, 32KB, 64KB Sector Erase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com