Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QA200GFMLTH Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE25QA200GFMLTH
Description  2M BIT SPI NOR FLASH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QA200GFMLTH Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE25QA200GFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ACE25QA200G
2M BIT SPI NOR FLASH
VER 1.2
13
Dual Output Fast Read (3BH)
See Figure 7, the Dual Output Fast Read instruction is followed by 3-byte address (A23-A0) and a dummy
byte, each bit being latched in during the rising edge of SCLK, then the memory contents are shifted out 2-bit
per clock cycle from SI and SO. The first byte addressed can be at any location. The address is automatically
incremented to the next higher address after each byte of data is shifted out
ID and Security Instructions
Read Manufacture ID/ Device ID (90H)
See Figure 8, the Read Manufacturer/Device ID instruction is an alternative to the Release from
Power-Down/Device ID instruction that provides both the JEDEC assigned Manufacturer ID and the specific
Device ID.
The instruction is initiated by driving the /CS pin low and shifting the instruction code “90H” followed by a
24-bit address (A23-A0) of 000000H. If the 24-bit address is initially set to 000001H, the Device ID will be
read first.
Figure 7. Dual Output Fast Read Sequence Diagram
Figure 8. Read Manufacture ID/ Device ID Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com