Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QA200GFMLTH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25QA200GFMLTH
Description  2M BIT SPI NOR FLASH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QA200GFMLTH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25QA200GFMLTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QA200GFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
ACE25QA200G
2M BIT SPI NOR FLASH
VER 1.2
1
Description
The ACE25QA200 is 2M-bit Serial Peripheral Interface (SPI) Flash memory, and supports the Dual SPI:
Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO). The Dual Output data is transferred with speed of
108Mbits/s. The device uses a single low voltage power supply, ranging from 2.7 Volt to 3.6 Volt.
Additionally, the device supports JEDEC standard manufacturer and device ID.
In order to meet environmental requirements, offers an 8-pin SOP, an 8-pin SOP 208mil, an 8-pin TSSOP ,
an 8-pin DIP , an 8-pad USON 3x2-mm packages.
Features
Serial Peripheral Interface (SPI)
Standard SPI: SCLK, /CS, SI, SO, /WP
Dual SPI: SCLK, /CS, IO0, IO1, /WP
Read
Normal Read (Serial): 55MHz clock rate
Fast Read (Serial): 108MHz clock rate
Dual Read: 108MHz clock rate
Program
Serial-input Page Program up to 256bytes
Erase
Block erases (64/32 KB)
Sector erases (4 KB)
Chip erase
Program/Erase Speed
Page Program time: 0.7ms typical
Sector Erase time: 100ms typical
Block Erase time: 0.3/0.5s typical
Chip Erase time: 3/2s typical
Flexible Architecture
Sector of 4K-byte
Block of 32/64K-byte
Low Power Consumption
20mA maximum active current
5uA maximum power down current


Similar Part No. - ACE25QA200GFMLTH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QA200.400G ACE-ACE25QA200.400G Datasheet
2Mb / 32P
2/4M BIT SPI NOR FLASH
VER 1.1
More results

Similar Description - ACE25QA200GFMLTH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25Q200G ACE-ACE25Q200G Datasheet
1Mb / 46P
2M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
2M BIT SPI NOR FLASH
VER 1.1
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
16M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
4M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
64M BIT SPI NOR FLASH
VER 1.1
ACE25AC200GL ACE-ACE25AC200GL Datasheet
1Mb / 23P
2M SPI NOR FLASH
VER 1.2
ACE25QC160G ACE-ACE25QC160G Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
ACE25QC200GL ACE-ACE25QC200GL Datasheet
2Mb / 64P
2M BIT SPI NOR FLASH
VER 1.1
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACEH25D200G ACE-ACEH25D200G Datasheet
107Kb / 3P
2M BIT SPI NOR FLASH
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com