Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29976AI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY29976AI
Description  3.3V, 125-MHz, Multi-Output Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29976AI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY29976AI Datasheet HTML 2Page - Cypress Semiconductor CY29976AI Datasheet HTML 3Page - Cypress Semiconductor CY29976AI Datasheet HTML 4Page - Cypress Semiconductor CY29976AI Datasheet HTML 5Page - Cypress Semiconductor CY29976AI Datasheet HTML 6Page - Cypress Semiconductor CY29976AI Datasheet HTML 7Page - Cypress Semiconductor CY29976AI Datasheet HTML 8Page - Cypress Semiconductor CY29976AI Datasheet HTML 9Page - Cypress Semiconductor CY29976AI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY29976
Document #: 38-07413 Rev. *A
Page 8 of 10
Notes:
7.
Parameters are guaranteed by design and characterization. Not 100% tested in production.
8.
Maximum and minimum input reference is limited by VC0 lock range.
9.
Outputs loaded with 30 pF each.
10. 50
Ω transmission line terminated into V
DD/2.
11. Tpd is specified for a 50-MHz input reference. Tpd is the static phase error of the device and does not include jitter.
12. VCMR = 2.0V and VPP = 650µV. Tpd window will vary with different VCMR and VPP values.
]
AC Parameters:[7] VDD = VDDC = 3.3V ±10%, TA = –40°C to +85°C
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Tr/Tf
TCLK Input Rise / Fall
3.0
ns
Fref
Reference Input Frequency
Note 8
Note 8
MHz
FrefDC
Reference Input Duty Cycle
25
75
%
Fvco
PLL VCO Lock Range
200
480
MHz
Tlock
Maximum PLL lock Time
10
ms
Tr/Tf
Output Clocks Rise/Fall Time[9]
0.8V to 2.0V
0.15
1.2
ns
Fout
Maximum Output Frequency
Q (
÷2)
-
125
MHz
Q (
÷4)
120
Q (
÷6)
80
Q (
÷8)
60
FoutDC
Output Duty Cycle[9]
45
55
%
tpZL, tpZH
Output Enable Time[9](all outputs)
2
10
ns
tpLZ, tpHZ
Output Disable Time[9](all outputs)
2
8
ns
TCCJ
Cycle to Cycle Jitter[9](peak to peak)
±100
ps
TSKEW
Any Output to Any Output Skew[9,10]
All outputs at same
frequency
350
ps
Outputs at different
frequencies
550
ps
Tpd
Propagation
Delay[10,11]
PECL_CLK[12]
QFB =(
÷8)
–225
–25
175
ps
TCLK0/1
–130
270
Ordering Information
Part Number
Package Name
Package Type
Production Flow
CY29976AI
A52
52-Pin TQFP
Industrial, –40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com