Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16315 Datasheet(PDF) 2 Page - NEC

Part # UPD16315
Description  1/4- to 1/12-DUTY FIP(VFD) CONTROLLER/DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16315 Datasheet(HTML) 2 Page - NEC

  UPD16315 Datasheet HTML 1Page - NEC UPD16315 Datasheet HTML 2Page - NEC UPD16315 Datasheet HTML 3Page - NEC UPD16315 Datasheet HTML 4Page - NEC UPD16315 Datasheet HTML 5Page - NEC UPD16315 Datasheet HTML 6Page - NEC UPD16315 Datasheet HTML 7Page - NEC UPD16315 Datasheet HTML 8Page - NEC UPD16315 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet S14074EJ1V0DS
2
µµµµPD16315
1. BLOCK DIAGRAM
DIN
DOUT
CLK
STB
R
OSC
Key1, Key2
LED1
LED4
VDD
VSS
VEE
(+5 V)
(0 V)
(
−30 V)
Seg1/KS1
Seg16/KS16
Seg17/Grid12
Seg24/Grid5
Grid4
Grid1
24
16
8
8
8
12
2
4
Serial
interface
OSC
Display memory
24 bits x 12 words
Key data memory (2 x 16 bits)
4-bit latch
Command decoder
Dimming circuit
Timing generator
key scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com