Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16315 Datasheet(PDF) 13 Page - NEC

Part # UPD16315
Description  1/4- to 1/12-DUTY FIP(VFD) CONTROLLER/DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16315 Datasheet(HTML) 13 Page - NEC

Back Button UPD16315 Datasheet HTML 9Page - NEC UPD16315 Datasheet HTML 10Page - NEC UPD16315 Datasheet HTML 11Page - NEC UPD16315 Datasheet HTML 12Page - NEC UPD16315 Datasheet HTML 13Page - NEC UPD16315 Datasheet HTML 14Page - NEC UPD16315 Datasheet HTML 15Page - NEC UPD16315 Datasheet HTML 16Page - NEC UPD16315 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet S14074EJ1V0DS
13
µµµµPD16315
Electrical Characteristics (TA =
−−−−20 to +70°°°°C, VDD = 4.5 to 5.5 V, VSS = 0 V, VEE = VDD −−−− 35 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
High-Level Output Voltage
VOH1
LED1 - LED4, IOH1 =
−15 mA
VDD
− 1V
Low-Level Output Voltage
VOL1
LED1 - LED4, IOL1 = +15 mA
1
V
Low-Level Output Voltage
VOL2
DOUT, IOL2 = 4 mA
0.4
V
High-Level Output Current
IOH21
VO = VDD
− 2 V,
Seg1/ KS1 to Seg16/ KS16
−3mA
High-Level Output Current
IOH22
VO = VDD
− 2 V, Grid1 to Grid4
Seg17 / Grid12 to Seg24 / Grid5
−15
mA
Driver Leakage Current
IOLEAK
VO = VDD
− 35 V, driver OFF
−10
µA
Output Pull-Down Resistor
RL
Driver output
40
65
120
k
Ω
Input Current
II
VI = VDD or VSS
±1
µA
High-Level Input Voltage
VIH
0.7 VDD
V
Low-Level Input Voltage
VIL
0.3 VDD
V
Hysteresis Voltage
VH
CLK, DIN, STB
0.35
V
Dynamic Current Consumption
IDDdyn
Under no load, display OFF
5
mA
Switching Characteristics (TA =
−−−−20 to +70°°°°C, VDD = 4.5 to 5.5 V, VEE = −−−−30 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Oscillation Frequency
fOSC
R = 82 k
Ω
350
500
650
kHz
Propagation Delay Time
tPLZ
CLK
→ DOUT
300
ns
tPZL
CL = 15 pF, RL = 10 k
Ω
100
ns
Rise Time
tTZH1
CL = 300 pF
Seg1/KS1 to Seg16/KS16
2
µs
tTZH2
Grid1 to Grid4,
Seg17/Grid12 to
Seg24/Grid5
0.5
µs
Fall Time
tTHZ
CL = 300 pF, Segn, Gridn
160
µs
Maximum Clock Frequency
fMAX.
Duty = 50%
1
MHz
Input Capacitance
CI
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com