Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC755
Description  MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC755 Datasheet HTML 1Page - NXP Semiconductors MPC755 Datasheet HTML 2Page - NXP Semiconductors MPC755 Datasheet HTML 3Page - NXP Semiconductors MPC755 Datasheet HTML 4Page - NXP Semiconductors MPC755 Datasheet HTML 5Page - NXP Semiconductors MPC755 Datasheet HTML 6Page - NXP Semiconductors MPC755 Datasheet HTML 7Page - NXP Semiconductors MPC755 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series, Rev. 2.1
Freescale Semiconductor
5
General Parameters
Table 12 provides the L2 bus interface AC timing specifications for the MPC755 described in this
document when the L2 bus interface is in 3.3 V mode only. The L2 bus interface of the part described
herein is not tested in 1.8 V/2.0 V mode and does not meet these specifications. The L2 interface output
drivers may display a non-linear, stepped behavior when switching that prolongs the rise and fall times in
this mode. This behavior is dependent on L2OVDD, the impedance of the circuit board, and operating
conditions of the processor. In a worst-case device, at L2OVDD = 1.8 V and Tj = 105°C, the driver output
impedance is 55 Ω; at L2OVDD = 2.0 V and Tj = 105°C, the driver output impedance is 47 Ω. The
non-linear behavior results when the driver output impedance is greater than the board impedance and can
cause reflected wave switching instead of incident wave switching. The voltage level at which the step will
occur is Vstep = L2OVDD ×[Zboard/(Zout +Zboard)]. If Vstep is less than the input high threshold voltage of
the SRAM, the SRAM will not recognize a logical high on a given signal until the reflected wave arrives.
The time delay between the arrival of the incident wave and the reflected wave is determined solely by the
propagation delay of the signal. Because of these issues, Freescale does not recommend or support the use
of the L2 bus interface of the affected part numbers described herein in 1.8 V/2.0 V mode.
Table 12. L2 Bus Interface AC Timing Specifications
At recommended operating conditions (see Table 3)
Parameter
Symbol
300 MHz
350 MHz
400 MHz
Unit
Notes
Min
Max
Min
Max
Min
Max
Setup Times: Data and parity
tDVL2CH
1.5
—
1.5
—
1.5
—
ns
2
Input Hold Times: Data and parity
tDXL2CH
0.5
—
0.5
—
0.5
—
ns
2
Valid Times:
All outputs when L2CR[14–15] = 00
All outputs when L2CR[14–15] = 01
All outputs when L2CR[14–15] = 10
All outputs when L2CR[14–15] = 11
tL2CHOV
—
—
—
—
3.6
3.8
4.0
4.2
—
—
—
—
3.6
3.8
4.0
4.2
—
—
—
—
3.6
3.8
4.0
4.2
ns
3, 4
L2SYNC_IN to high impedance:
All outputs when L2CR[14–15] = 00
All outputs when L2CR[14–15] = 01
All outputs when L2CR[14–15] = 10
All outputs when L2CR[14–15] = 11
tL2CHOZ
—
—
—
—
3.5
4.0
4.2
4.5
—
—
—
—
3.5
4.0
4.2
4.5
—
—
—
—
3.5
4.0
4.2
4.5
ns
3, 5
Notes:
2. All input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the rising edge of
the input L2SYNC_IN. Input timings are measured at the pins.
3. All output specifications are measured from the midpoint voltage of the rising edge of L2SYNC_IN to the midpoint of the
signal in question. The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load.
4. The outputs are valid for both single-ended and differential L2CLK modes. For pipelined registered synchronous
BurstRAMs, L2CR[14–15] = 01 or 10 is recommended. For pipelined late write synchronous BurstRAMs, L2CR[14–15] = 11
is recommended.
5. Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com