Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R30NECT1/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R30NECT1/Q
Description  Remote I/O R30 Series NETWORK MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30NECT1/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R30NECT1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30NECT1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30NECT1/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R30NECT1
R30NECT1 SPECIFICATIONS
ES-9009 Rev.9 Page 1/3
https://www.m-system.co.jp/
Remote I/O R30 Series
NETWORK MODULE
(EtherCAT)
Functions & Features
• Interchanges analog or discrete I/O signals with the
filedbus (EtherCAT)
• Combined with R3 Series I/O modules
EtherCAT® is a registered trademark and patented
technology, licensed by Beckhoff Automation GmbH,
Germany.
mm [inch]
98
[3.86]
110
[4.33]
25 [.98]
MODEL: R30NECT1[1]
ORDERING INFORMATION
• Code number: R30NECT1[1]
Specify a code from below for [1].
(e.g. R30NECT1/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
CAUTION
• R3 series I/O modules can be added by using an
installation base for R3 I/O module extension (model:
R30EBS). Note that the firmware version must be 1.04.x or
later.
• When using the extension base, be sure to install at least
one R30 I/O module on the R30BS, otherwise
communication error occurs.
• The internal bus communication period for R3 series I/O
modules installed on the R30EBS is as follows.
Internal bus communication period = 6 msec. × number of
I/O module + 10 msec. (Data update period of main CPU)
Example: Four R3 I/O modules
6 msec. × 4 + 10 msec. = 34 msec.
Even when the R30EBS is mounted to the R30BS, the
internal bus communication period of R30 series is kept to
approx. 1 msec.
RELATED PRODUCTS
• PC configurator software (model: R30CFG)
• PC configurator software (model: R3CON)
• ESI file
The ESI file and configurator software are downloadable at
M-System’s web site.
For connecting to PC, use commercially available Mini-B
type USB cable. (provided by user)
• R3 series I/O modules (except R3-TC2)
GENERAL SPECIFICATIONS
Connection
EtherCAT: RJ-45 connector
Internal bus: Via the Installation Base (model: R30BS)
Internal power: Via the Installation Base (model: R30BS)
Isolation: EtherCAT to internal bus or internal power
Internal bus communication cycle: Approx. 1 msec.
Status indicators: PWR, RUN, ERR, L/A IN, L/A OUT
(Refer to the instruction manual.)
EtherCAT COMMUNICATION
Standard: IEEE 802.3u
Transmission type: 100BASE-TX
Transmission speed: Full-duplex 100 Mbps
Transmission media: 100BASE-TX (STP cable; Category 5e)
Maximum internode length: 100 meters
Fixed address: Set with rotary switches
(The master must support MDP.)
INSTALLATION
Current consumption: 110 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 110 g (0.24 lb)


Similar Part No. - R30NECT1/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30NE1 MSYSTEM-R30NE1 Datasheet
237Kb / 8P
Remote I/O R30 Series MODBUS/TCP INTERFACE MODULE
R30NE1/Q MSYSTEM-R30NE1/Q Datasheet
237Kb / 8P
Remote I/O R30 Series MODBUS/TCP INTERFACE MODULE
More results

Similar Description - R30NECT1/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30YN16C MSYSTEM-R30YN16C Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R30YN16A MSYSTEM-R30YN16A Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R30XN16A MSYSTEM-R30XN16A Datasheet
174Kb / 4P
Remote I/O R30 Series DISCRETE INPUT MODULE
R30US4 MSYSTEM-R30US4 Datasheet
223Kb / 7P
Remote I/O R30 Series UNIVERSAL INPUT MODULE
R30NOUA1 MSYSTEM-R30NOUA1 Datasheet
130Kb / 3P
Remote I/O R30 Series NETWORK MODULE
R30NCIT1 MSYSTEM-R30NCIT1 Datasheet
219Kb / 7P
Remote I/O R30 Series NETWORK MODULE
R30NCIE1 MSYSTEM-R30NCIE1 Datasheet
217Kb / 7P
Remote I/O R30 Series NETWORK MODULE
R30GECT1 MSYSTEM-R30GECT1 Datasheet
154Kb / 4P
Remote I/O R30 Series EtherCAT INTERFACE I/O MODULE
R30GCIE1 MSYSTEM-R30GCIE1 Datasheet
174Kb / 5P
Remote I/O R30 Series
R30DM MSYSTEM-R30DM Datasheet
97Kb / 2P
Remote I/O R30 Series BLANK FILLER MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com