Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R30NECT1/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R30NECT1/Q
Description  Remote I/O R30 Series NETWORK MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30NECT1/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R30NECT1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30NECT1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30NECT1/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R30NECT1
R30NECT1 SPECIFICATIONS
ES-9009 Rev.9 Page 2/3
https://www.m-system.co.jp/
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (EtherCAT to
internal bus or internal power)
1500 V AC @ 1 minute (power input to FE; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
Status Indicator LEDs
PC Configurator
Connector
EtherCAT Communication
RJ-45 Modular Jack
Fixed Address Setting
Rotary SW
×16
Dev ID
×1
CONFIG
EtherCAT
PWR
RUN
ERR
OUT
IN
L/A
L/A
ECT
OUT
ECT
IN
■ FRONT VIEW
■ BOTTOM VIEW
■ SIDE VIEW
Specifications
Lock Tab
Base Fixing Screw
Positioning Guide



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com