| Electronic Components Datasheet Search |
|
AM6548 Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6548 Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 282 page ![]() 6.3 Signal Descriptions Many signals are available on multiple pins, according to the software configuration of the pin multiplexing options. The following list describes the column headers: 1. SIGNAL NAME: The name of the signal passing through the pin. Note In Table 6-1 and Table 6-76 are not described the subsystem multiplexing signals. 2. DESCRIPTION: Description of the signal 3. PIN TYPE: This column describes functionality of the pin when configured for the given mux mode. It does not represent all capabilities of the pin, and as such, there may be other mux mode configurations where these pins operate as a push-pull driver: • I = Input • O = Output • IO = Input or Output • IOD = Open drain terminal - Input or Output • IOZ = Input, Output or Three-state terminal • OZ = Output or Three-state terminal • A = Analog • PWR = Power • GND = Ground • CAP = LDO Capacitor 4. BALL: Associated balls bottom For more information on the I/O cell configurations, see the Pad Configuration Registers section in the device TRM. 6.3.1 ADC 6.3.1.1 MCU Domain Table 6-2. ADC Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_ADC_EXT_TRIGGER0 ADC Trigger Input I AC3 MCU_ADC_EXT_TRIGGER1 ADC Trigger Input I AD3 Table 6-3. ADC0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_ADC0_REFN ADC Reference Input (negative) A K2 MCU_ADC0_REFP ADC Reference Input (positive) A K3 MCU_ADC0_AIN0 ADC Analog Input 0 A K5 MCU_ADC0_AIN1 ADC Analog Input 1 A J3 MCU_ADC0_AIN2 ADC Analog Input 2 A J1 MCU_ADC0_AIN3 ADC Analog Input 3 A J5 MCU_ADC0_AIN4 ADC Analog Input 4 A K4 MCU_ADC0_AIN5 ADC Analog Input 5 A J4 MCU_ADC0_AIN6 ADC Analog Input 6 A J2 MCU_ADC0_AIN7 ADC Analog Input 7 A J6 www.ti.com AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 61 Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |