| Electronic Components Datasheet Search |
|
AM6548 Datasheet(PDF) 82 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6548 Datasheet(HTML) 82 Page - Texas Instruments |
|
82 / 282 page ![]() Table 6-37. MCASP0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP0_AXR12 MCASP Serial Data (Input/Output) IO AD28 MCASP0_AXR13 MCASP Serial Data (Input/Output) IO U26 MCASP0_AXR14 MCASP Serial Data (Input/Output) IO V25 MCASP0_AXR15 MCASP Serial Data (Input/Output) IO U24 Table 6-38. MCASP1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP1_ACLKR MCASP Receive Bit Clock IO AC27 MCASP1_ACLKX MCASP Transmit Bit Clock IO AB28 MCASP1_AFSR MCASP Receive Frame Sync IO AB26 MCASP1_AFSX MCASP Transmit Frame Sync IO AC28 MCASP1_AHCLKR MCASP Receive Master Clock IO AD28 MCASP1_AHCLKX MCASP Transmit Master Clock IO U26 MCASP1_AXR0 MCASP Serial Data (Input/Output) IO AA25 MCASP1_AXR1 MCASP Serial Data (Input/Output) IO U23 MCASP1_AXR2 MCASP Serial Data (Input/Output) IO AB27 MCASP1_AXR3 MCASP Serial Data (Input/Output) IO W28 MCASP1_AXR4 MCASP Serial Data (Input/Output) IO W27 MCASP1_AXR5 MCASP Serial Data (Input/Output) IO Y28 MCASP1_AXR6 MCASP Serial Data (Input/Output) IO AA28 MCASP1_AXR7 MCASP Serial Data (Input/Output) IO AB24 MCASP1_AXR8 MCASP Serial Data (Input/Output) IO AC25 MCASP1_AXR9 MCASP Serial Data (Input/Output) IO AD25 Table 6-39. MCASP2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP2_ACLKR MCASP Receive Bit Clock IO AE27 MCASP2_ACLKX MCASP Transmit Bit Clock IO W26 MCASP2_AFSR MCASP Receive Frame Sync IO AD24 MCASP2_AFSX MCASP Transmit Frame Sync IO Y26 MCASP2_AHCLKR MCASP Receive Master Clock IO V25 MCASP2_AHCLKX MCASP Transmit Master Clock IO U24 MCASP2_AXR0 MCASP Serial Data (Input/Output) IO AC24 MCASP2_AXR1 MCASP Serial Data (Input/Output) IO Y27 MCASP2_AXR2 MCASP Serial Data (Input/Output) IO AE26 MCASP2_AXR3 MCASP Serial Data (Input/Output) IO AE28 6.3.16 MCSPI 6.3.16.1 MAIN Domain Table 6-40. MCSPI0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] SPI0_CLK SPI Clock IO AH13 SPI0_CS0 SPI Chip Select 0 IO AG13 AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 82 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |