Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM652X Datasheet(PDF) 63 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 63 Page - Texas Instruments

Back Button AM652X Datasheet HTML 59Page - Texas Instruments AM652X Datasheet HTML 60Page - Texas Instruments AM652X Datasheet HTML 61Page - Texas Instruments AM652X Datasheet HTML 62Page - Texas Instruments AM652X Datasheet HTML 63Page - Texas Instruments AM652X Datasheet HTML 64Page - Texas Instruments AM652X Datasheet HTML 65Page - Texas Instruments AM652X Datasheet HTML 66Page - Texas Instruments AM652X Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 282 page
background image
Table 6-6. VIN0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
VIN0_DATA10
Video Input Data 10
I
R25
VIN0_DATA11
Video Input Data 11
I
T27
VIN0_DATA12
Video Input Data 12
I
M27
VIN0_DATA13
Video Input Data 13
I
M23
VIN0_DATA14
Video Input Data 14
I
M28
VIN0_DATA15
Video Input Data 15
I
M24
6.3.3 CPSW2G
6.3.3.1 MCU Domain
Table 6-7. CPSW2G0 Signal Descriptions
SIGNAL NAME
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_MDIO0_MDC
MDIO Clock
O
L1
MCU_MDIO0_MDIO
MDIO Data
IO
L4
MCU_RGMII1_RXC
RGMII Receive Clock
I
M1
MCU_RGMII1_RX_CTL
RGMII Receive Control
I
N5
MCU_RGMII1_TXC
RGMII Transmit Clock
IO
N1
MCU_RGMII1_TX_CTL
RGMII Transmit Control
O
N4
MCU_RGMII1_RD0
RGMII Receive Data 0
I
L6
MCU_RGMII1_RD1
RGMII Receive Data 1
I
M6
MCU_RGMII1_RD2
RGMII Receive Data 2
I
L5
MCU_RGMII1_RD3
RGMII Receive Data 3
I
L2
MCU_RGMII1_TD0
RGMII Transmit Data 0
O
M5
MCU_RGMII1_TD1
RGMII Transmit Data 1
O
M4
MCU_RGMII1_TD2
RGMII Transmit Data 2
O
M3
MCU_RGMII1_TD3
RGMII Transmit Data 3
O
M2
MCU_RMII1_CRS_DV
RMII Carrier Sense / Data Valid
I
N4
MCU_RMII1_REF_CLK
RMII Reference Clock
I
M1
MCU_RMII1_RX_ER
RMII Receive Data Error
I
N5
MCU_RMII1_TX_EN
RMII Transmit Enable
O
N1
MCU_RMII1_RXD0
RMII Receive Data 0
I
L6
MCU_RMII1_RXD1
RMII Receive Data 1
I
M6
MCU_RMII1_TXD0
RMII Transmit Data 0
O
M5
MCU_RMII1_TXD1
RMII Transmit Data 1
O
M4
6.3.4 DDRSS
6.3.4.1 MAIN Domain
Table 6-8. DDRSS0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
DDR_AC0
DDRSS Address and Command Bus
IO
A10
DDR_AC1
DDRSS Address and Command Bus
IO
D9
DDR_AC2
DDRSS Address and Command Bus
IO
C9
DDR_AC3
DDRSS Address and Command Bus
IO
E9
DDR_AC4
DDRSS Address and Command Bus
IO
A9
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com