Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM652X Datasheet(PDF) 81 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 81 Page - Texas Instruments

Back Button AM652X Datasheet HTML 77Page - Texas Instruments AM652X Datasheet HTML 78Page - Texas Instruments AM652X Datasheet HTML 79Page - Texas Instruments AM652X Datasheet HTML 80Page - Texas Instruments AM652X Datasheet HTML 81Page - Texas Instruments AM652X Datasheet HTML 82Page - Texas Instruments AM652X Datasheet HTML 83Page - Texas Instruments AM652X Datasheet HTML 84Page - Texas Instruments AM652X Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 282 page
background image
Table 6-33. I2C0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_I2C0_SDA
I2C Data
IOD
AD7
6.3.13.3 WKUP Domain
Table 6-34. I2C0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
WKUP_I2C0_SCL
I2C Clock
IOD
AC7
WKUP_I2C0_SDA
I2C Data
IOD
AD6
6.3.14 MCAN
6.3.14.1 MCU Domain
Table 6-35. MCAN0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_MCAN0_RX
MCAN Receive Data
I
W2
MCU_MCAN0_TX
MCAN Transmit Data
O
W1
Table 6-36. MCAN1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_MCAN1_RX
MCAN Receive Data
I
AD3
MCU_MCAN1_TX
MCAN Transmit Data
O
AC3
6.3.15 MCASP
6.3.15.1 MAIN Domain
Table 6-37. MCASP0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCASP0_ACLKR
MCASP Receive Bit Clock
IO
W24
MCASP0_ACLKX
MCASP Transmit Bit Clock
IO
V24
MCASP0_AFSR
MCASP Receive Frame Sync
IO
AA27
MCASP0_AFSX
MCASP Transmit Frame Sync
IO
W25
MCASP0_AHCLKR
MCASP Receive Master Clock
IO
AA25
MCASP0_AHCLKX
MCASP Transmit Master Clock
IO
U23
MCASP0_AXR0
MCASP Serial Data (Input/Output)
IO
Y24
MCASP0_AXR1
MCASP Serial Data (Input/Output)
IO
V28
MCASP0_AXR2
MCASP Serial Data (Input/Output)
IO
Y25
MCASP0_AXR3
MCASP Serial Data (Input/Output)
IO
U27
MCASP0_AXR4
MCASP Serial Data (Input/Output)
IO
V27
MCASP0_AXR5
MCASP Serial Data (Input/Output)
IO
V26
MCASP0_AXR6
MCASP Serial Data (Input/Output)
IO
U25
MCASP0_AXR7
MCASP Serial Data (Input/Output)
IO
AB25
MCASP0_AXR8
MCASP Serial Data (Input/Output)
IO
AD27
MCASP0_AXR9
MCASP Serial Data (Input/Output)
IO
AC26
MCASP0_AXR10
MCASP Serial Data (Input/Output)
IO
AD26
MCASP0_AXR11
MCASP Serial Data (Input/Output)
IO
AA24
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com