Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM652X Datasheet(PDF) 103 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 103 Page - Texas Instruments

Back Button AM652X Datasheet HTML 99Page - Texas Instruments AM652X Datasheet HTML 100Page - Texas Instruments AM652X Datasheet HTML 101Page - Texas Instruments AM652X Datasheet HTML 102Page - Texas Instruments AM652X Datasheet HTML 103Page - Texas Instruments AM652X Datasheet HTML 104Page - Texas Instruments AM652X Datasheet HTML 105Page - Texas Instruments AM652X Datasheet HTML 106Page - Texas Instruments AM652X Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 282 page
background image
6.3.26 System and Miscellaneous
6.3.26.1 Boot Mode Configuration
6.3.26.1.1 MAIN Domain
Table 6-66. Sysboot Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
BOOTMODE00
Bootmode pin 00
I
M27
BOOTMODE01
Bootmode pin 01
I
M23
BOOTMODE02
Bootmode pin 02
I
M28
BOOTMODE03
Bootmode pin 03
I
M24
BOOTMODE04
Bootmode pin 04
I
N24
BOOTMODE05
Bootmode pin 05
I
N27
BOOTMODE06
Bootmode pin 06
I
N28
BOOTMODE07
Bootmode pin 07
I
M25
BOOTMODE08
Bootmode pin 08
I
N23
BOOTMODE09
Bootmode pin 09
I
M26
BOOTMODE10
Bootmode pin 10
I
P28
BOOTMODE11
Bootmode pin 11
I
P27
BOOTMODE12
Bootmode pin 12
I
N26
BOOTMODE13
Bootmode pin 13
I
N25
BOOTMODE14
Bootmode pin 14
I
P24
BOOTMODE15
Bootmode pin 15
I
R27
BOOTMODE16
Bootmode pin 16
I
P25
BOOTMODE17
Bootmode pin 17
I
P26
BOOTMODE18
Bootmode pin 18
I
U28
6.3.26.1.2 MCU Domain
Table 6-67. Sysboot Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_BOOTMODE00
Bootmode pin 00
I
AF4
MCU_BOOTMODE01
Bootmode pin 01
I
AF3
MCU_BOOTMODE02
Bootmode pin 02
I
AE3
MCU_BOOTMODE03
(1)
Bootmode pin 03
I
AD1
MCU_BOOTMODE04
(1)
Bootmode pin 04
I
AC3
MCU_BOOTMODE05
(1)
Bootmode pin 05
I
Y2
MCU_BOOTMODE06
(1)
Bootmode pin 06
I
Y1
MCU_BOOTMODE07
(1)
Bootmode pin 07
I
Y3
MCU_BOOTMODE08
(1)
Bootmode pin 08
I
AC5
MCU_BOOTMODE09
Bootmode pin 09
I
AB4
(1)
These signals must be connected to VSS through a separate external pull resistor to ensure these balls are held to a valid logic low
level.
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com