| Electronic Components Datasheet Search |
|
AM6528 Datasheet(PDF) 62 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6528 Datasheet(HTML) 62 Page - Texas Instruments |
|
62 / 282 page ![]() Table 6-4. ADC1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_ADC1_REFN ADC Reference Input (negative) A H3 MCU_ADC1_REFP ADC Reference Input (positive) A H2 MCU_ADC1_AIN0 ADC Analog Input 0 A F4 MCU_ADC1_AIN1 ADC Analog Input 1 A G6 MCU_ADC1_AIN2 ADC Analog Input 2 A G4 MCU_ADC1_AIN3 ADC Analog Input 3 A H5 MCU_ADC1_AIN4 ADC Analog Input 4 A F5 MCU_ADC1_AIN5 ADC Analog Input 5 A G5 MCU_ADC1_AIN6 ADC Analog Input 6 A G3 MCU_ADC1_AIN7 ADC Analog Input 7 A H4 6.3.2 CAL 6.3.2.1 MAIN Domain Table 6-5. CSI0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] CSI0_RXN0 CSI Differential Receive Input (negative) I G28 CSI0_RXN1 CSI Differential Receive Input (negative) I H27 CSI0_RXN2 CSI Differential Receive Input (negative) I F26 CSI0_RXN3 CSI Differential Receive Input (negative) I H25 CSI0_RXN4 (1) CSI Differential Receive Input (negative) I G24 CSI0_RXP0 CSI Differential Receive Input (positive) I F28 CSI0_RXP1 CSI Differential Receive Input (positive) I G27 CSI0_RXP2 CSI Differential Receive Input (positive) I G26 CSI0_RXP3 CSI Differential Receive Input (positive) I G25 CSI0_RXP4 (1) CSI Differential Receive Input (positive) I F24 (1) Line 4 (position 5) supports only data. For more information, see the Camera Adapter Layer (CAL) Subsystem section in the device TRM. Table 6-6. VIN0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] VIN0_HD Video Input Horizontal Sync I P23 VIN0_PCLK Video Input Pixel Clock I R28 VIN0_VD Video Input Vertical Sync I R23 VIN0_DATA0 Video Input Data 0 I N23 VIN0_DATA1 Video Input Data 1 I M26 VIN0_DATA2 Video Input Data 2 I P28 VIN0_DATA3 Video Input Data 3 I P27 VIN0_DATA4 Video Input Data 4 I N26 VIN0_DATA5 Video Input Data 5 I N25 VIN0_DATA6 Video Input Data 6 I P24 VIN0_DATA7 Video Input Data 7 I R27 VIN0_DATA8 Video Input Data 8 I T24 VIN0_DATA9 Video Input Data 9 I T23 AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 62 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |