Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6528 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528 Datasheet(HTML) 75 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 71Page - Texas Instruments AM6528 Datasheet HTML 72Page - Texas Instruments AM6528 Datasheet HTML 73Page - Texas Instruments AM6528 Datasheet HTML 74Page - Texas Instruments AM6528 Datasheet HTML 75Page - Texas Instruments AM6528 Datasheet HTML 76Page - Texas Instruments AM6528 Datasheet HTML 77Page - Texas Instruments AM6528 Datasheet HTML 78Page - Texas Instruments AM6528 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 282 page
background image
Table 6-25. GPIO1 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
ACD [4]
GPIO1_45
General Purpose Input/Output
IO
AD28
GPIO1_46
General Purpose Input/Output
IO
U26
GPIO1_47
General Purpose Input/Output
IO
V25
GPIO1_48
General Purpose Input/Output
IO
U24
GPIO1_49
General Purpose Input/Output
IO
AB28
GPIO1_50
General Purpose Input/Output
IO
AC28
GPIO1_51
General Purpose Input/Output
IO
AC27
GPIO1_52
General Purpose Input/Output
IO
AB26
GPIO1_53
General Purpose Input/Output
IO
AA25
GPIO1_54
General Purpose Input/Output
IO
U23
GPIO1_55
General Purpose Input/Output
IO
AB27
GPIO1_56
General Purpose Input/Output
IO
W28
GPIO1_57
General Purpose Input/Output
IO
W27
GPIO1_58
General Purpose Input/Output
IO
Y28
GPIO1_59
General Purpose Input/Output
IO
AA28
GPIO1_60
General Purpose Input/Output
IO
AB24
GPIO1_61
General Purpose Input/Output
IO
AC25
GPIO1_62
General Purpose Input/Output
IO
AD25
GPIO1_63
General Purpose Input/Output
IO
AD24
GPIO1_64
General Purpose Input/Output
IO
AE27
GPIO1_65
General Purpose Input/Output
IO
AC24
GPIO1_66
General Purpose Input/Output
IO
Y27
GPIO1_67
General Purpose Input/Output
IO
Y26
GPIO1_68
General Purpose Input/Output
IO
W26
GPIO1_69
General Purpose Input/Output
IO
AE26
GPIO1_70
General Purpose Input/Output
IO
AE28
GPIO1_71
General Purpose Input/Output
IO
AD9
GPIO1_72
General Purpose Input/Output
IO
AC8
GPIO1_73
General Purpose Input/Output
IO
D27
GPIO1_74
General Purpose Input/Output
IO
D26
GPIO1_75
General Purpose Input/Output
IO
E27
GPIO1_76
General Purpose Input/Output
IO
D28
GPIO1_77
General Purpose Input/Output
O
C27
GPIO1_78
General Purpose Input/Output
IO
C28
GPIO1_79
General Purpose Input/Output
IO
(1)
B24
GPIO1_80
General Purpose Input/Output
IO
(1)
C24
GPIO1_86
General Purpose Input/Output
IO
D21
GPIO1_87
General Purpose Input/Output
IO
A22
GPIO1_88
General Purpose Input/Output
IO
B22
GPIO1_89
General Purpose Input/Output
IO
C23
(1)
When OSC1 is being used with an external crystal, this pin must only be used as an input. The output functionality must be disabled.
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com