Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZDA0411 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ZDA0411
Description  High Surge Axial Cemented Leaded Wirewound Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZDA0411 Datasheet(HTML) 4 Page - Vishay Siliconix

  ZDA0411 Datasheet HTML 1Page - Vishay Siliconix ZDA0411 Datasheet HTML 2Page - Vishay Siliconix ZDA0411 Datasheet HTML 3Page - Vishay Siliconix ZDA0411 Datasheet HTML 4Page - Vishay Siliconix ZDA0411 Datasheet HTML 5Page - Vishay Siliconix ZDA0411 Datasheet HTML 6Page - Vishay Siliconix ZDA0411 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Z300-Cxx
www.vishay.com
Vishay Draloric
Revision: 14-Mar-2019
4
Document Number: 21027
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
HIGH VOLTAGE SURGE
The specially designed Z300-Cxx high surge wirewound resistors are tested for surge handling capability by applying surge
voltage as per the 1.2 / 50 μs exponential open circuit voltage waveform according to IEC 61000-4-5 standard as shown below:
Front time:
T1 = 1.67 x T = 1.2 μs ± 30 %
Time to half-value: T2 = 50 μs ± 20 %
Waveform of open-circuit voltage (1.2 / 50 μs) at the output of pulse generator
Derating
0
20
40
60
80
100
120
AMBIENT TEMPERATURE IN °C
50
150
250
350
- 50
- 55
40
300
200
100
0
0.4
0.8
1.2
1.6
2.0
POWER IN W
Temperature Rise
Z301-Cxx
ZDA0411-Cxx
Temperature Rise
300
200
100
0
1
2
3
4
5
POWER IN W
Z303-Cxx
Z302-Cxx
Temperature Rise
300
200
100
0
2
4
POWER IN W
Z305-Cxx
6
Z304-Cxx
13
5
50
150
250
1.0
0.5
0.3
0.1
0.0
A
B
0.9
T
1
T
O
1
t
30 % max.
{
T
2
U (% pulse voltage)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com