Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZDA0411 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ZDA0411
Description  High Surge Axial Cemented Leaded Wirewound Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZDA0411 Datasheet(HTML) 5 Page - Vishay Siliconix

  ZDA0411 Datasheet HTML 1Page - Vishay Siliconix ZDA0411 Datasheet HTML 2Page - Vishay Siliconix ZDA0411 Datasheet HTML 3Page - Vishay Siliconix ZDA0411 Datasheet HTML 4Page - Vishay Siliconix ZDA0411 Datasheet HTML 5Page - Vishay Siliconix ZDA0411 Datasheet HTML 6Page - Vishay Siliconix ZDA0411 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Z300-Cxx
www.vishay.com
Vishay Draloric
Revision: 14-Mar-2019
5
Document Number: 21027
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS PROCEDURES AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
• IEC 60115-1, generic specification (includes tests)
The test and requirements table contains only the most
important tests. For the full test schedule refer to the
documents listed above.
The tests are carried out with reference to IEC 60115-1, in
accordance with IEC 60068-2-xx test method and under
standard atmospheric conditions in accordance with
IEC 60068-1, 5.3.
A climatic category 40 / 200 / 56 is applied, defined by the
lower category temperature (LCT = -40 °C), the upper
category temperature (UCT = 200 °C), and the duration
of exposure in the damp heat, steady state test (56 days).
Unless otherwise specified the following values apply:
• Temperature: 15 °C to 35 °C
• Relative humidity: 45 % to 75 %
• Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
For performing some of the tests, the components are
mounted on a test board in accordance with IEC 60115-1,
4.31.
In test procedures and requirements table, only the tests
and requirements are listed with reference to the relevant
clauses of IEC 60115-1 and IEC 60068-2-xx test methods.
A short description of the test procedure is also given.
TEST PROCEDURES AND REQUIREMENTS
IEC 60115-1
CLAUSE
IEC 60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R
MAX.)
4.13
-
Short time overload
Room temperature;
10x rated power P40;
5 s
± (2 % R + 0.05
)
4.16
21 (Ua1)
21 (Ub)
21 (Uc)
Robustness of
terminations
Tensile, bending and torsion
No damage
± (0.5 % R + 0.05
)
4.18
20 (Tb)
Resistance to
soldering heat
Unmounted components
(260 ± 5) °C; (10 ± 1) s
± (1 % R + 0.05
)
4.23
Climatic sequence:
± (3 % R + 0.1
)
4.23.2
2 (Ba)
dry heat
16 h; 200 C
4.23.3
30 (Db)
Damp heat
(accelerated)
1st cycle
24 h; 55 °C;
90 % to 100 % RH
4.23.4
1 (Aa)
cold
2 h; -55 °C
4.23.5
13 (M)
low air pressure
2 h; 8.5 kPa; 15 °C to 35 °C
4.23.6
30 (Db)
damp heat remaining
cyclic
5 days; 55 °C;
95 % to 100 % RH; 5 cycles
4.24
78 (Cab)
Damp heat,
(steady state)
56 days; (40 ± 2) °C;
(93 ± 5) % RH
± (3 % R + 0.1
)
4.25.2
-
Endurance
(at room temperature)
1000 h;
loaded with 116 % of P70;
1.5 h ON and 0.5 h OFF
± (3 % R + 0.1
)
4.25.3
-
Endurance
(at 200 °C)
1000 h;
loaded with 30 % of P70;
1.5 h ON and 0.5 h OFF
± (3 % R + 0.1
)
--
Surge test
as per IEC 61000-4-5
1.2 / 50 μs surge test
(impedance of surge
tester is 2
);
10 pulses at 30 s interval
± (5 % R + 0.1
)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com