Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402DR2RFXCAPHT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ0402DR2RFXCAPHT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402DR2RFXCAPHT Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ0402DR2RFXCAPHT Datasheet HTML 1Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 2Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 3Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 4Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 5Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 6Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 7Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 8Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
VJ HIFREQ HT Series
www.vishay.com
Vishay Vitramon
Revision: 13-Jan-2020
1
Document Number: 45239
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Multilayer
Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
ADDITIONAL RESOURCES
FEATURES
• Case size 0402, 0505, 0603, 0805, 1111
• High frequency / high temperature 175 °C /
200 °C
• Ultra-stable dielectric material
• Lead (Pb)-free terminations code “X”
• Surface mount, wet build process
• Reliable Noble Metal Electrode (NME) system
• Made with a combination of design, materials and tight
process control to achieve very high field reliability
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• RF and microwave
• Broadband communication
• Satellite communication
• Base stations
• Medical instrumentation and test
• Military devices (radar, communication, etc.)
• Wireless devices
ELECTRICAL SPECIFICATIONS
Note
• Electrical characteristics at 25 °C unless otherwise specified
Operating Temperature: -55 °C to +200 °C
Capacitance Range:
0402: 0.1 pF to 47 pF
0505: 0.1 pF to 330 pF
0603: 0.1 pF to 270 pF
0805: 0.1 pF to 1000 pF
1111: 0.2 pF to 3300 pF
Voltage Rating: 25 VDC to 500 VDC
Temperature Coefficient of Capacitance (TCC):
C0G (D): 0 ppm/°C ± 30 ppm/°C from -55 °C to +200 °C
Dissipation Factor (DF):
C0G (D): 0.05 % max. at 1.0 VRMS and 1 MHz
for values
 1000 pF
C0G (D): 0.05 % max. at 1.0 VRMS and 1 kHz
for values > 1000 pF
Aging Rate: 0 % maximum per decade
Insulation Resistance (IR):
at +25 °C and rated voltage 100 000 M
 minimum or
1000
F, whichever is less
at +200 °C and rated voltage 10 000 M
 minimum or
100
F, whichever is less
Dielectric Strength Test:
performed per method 103 of EIA-198-2-E.
Applied test voltages:
 100 V
DC-rated: min. 250 % of rated voltage
Design Tools
S-Parameters


Similar Part No. - VJ0402DR2RFXCAPHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402 Datasheet
103Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
28-Aug-08
VJ0402 VISHAY-VJ0402 Datasheet
342Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
20-Feb-08
VJ0402 VISHAY-VJ0402 Datasheet
136Kb / 14P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
14-Jul-11
VJ0402 VISHAY-VJ0402 Datasheet
136Kb / 14P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
14-Jul-11
VJ0402 VISHAY-VJ0402 Datasheet
135Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
15-May-12
More results

Similar Description - VJ0402DR2RFXCAPHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
20-Feb-08
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
11-Nov-08
VJ0603 VISHAY-VJ0603_12 Datasheet
121Kb / 11P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
06-Jun-12
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
19-Aug-14
logo
TDK Electronics
C4532CH1H104J TDK-C4532CH1H104J Datasheet
101Kb / 15P
General Multilayer Ceramic Chip Capacitors C Series
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
26-Aug-14
VJHIFREQHT VISHAY-VJHIFREQHT_V01 Datasheet
181Kb / 17P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
13-Jan-2020
VJHIFREQ VISHAY-VJHIFREQ_V01 Datasheet
263Kb / 25P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
19-Aug-2022
VJX8R VISHAY-VJX8R_V01 Datasheet
96Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications Up to 150 °C
02-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com