Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402DR2RFXCAPHT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ0402DR2RFXCAPHT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402DR2RFXCAPHT Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ0402DR2RFXCAPHT Datasheet HTML 1Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 2Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 3Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 4Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 5Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 6Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 7Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 8Page - Vishay Siliconix VJ0402DR2RFXCAPHT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VJ HIFREQ HT Series
www.vishay.com
Vishay Vitramon
Revision: 13-Jan-2020
3
Document Number: 45239
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•• Paper carrier
Approved 200 °C range
SELECTION CHART
DIELECTRIC (VISHAY CODE)
C0G (D)
STYLE
VJ0402
TOLERANCE
CASE SIZE
0402
VOLTAGE (VDC)
16
25
50
100
VOLTAGE CODE
J
X
A
B
CAP. CODE
CAP.
0R1
0.1 pF
••
••
••
••
V, B, C, D
0R2
0.2 pF
••
••
••
••
V, B, C, D
0R3
0.3 pF
••
••
••
••
V, B, C, D
0R4
0.4 pF
••
••
••
••
V, B, C, D
0R5
0.5 pF
••
••
••
••
V, B, C, D
0R6
0.6 pF
••
••
••
••
V, B, C, D
0R7
0.7 pF
••
••
••
••
V, B, C, D
0R8
0.8 pF
••
••
••
••
V, B, C, D
0R9
0.9 pF
••
••
••
••
V, B, C, D
1R0
1.0 pF
••
••
••
••
B, C, D
1R1
1.1 pF
••
••
••
••
B, C, D
1R2
1.2 pF
••
••
••
••
B, C, D
1R3
1.3 pF
••
••
••
••
B, C, D
1R4
1.4 pF
••
••
••
••
B, C, D
1R5
1.5 pF
••
••
••
••
B, C, D
1R6
1.6 pF
••
••
••
••
B, C, D
1R7
1.7 pF
••
••
••
••
B, C, D
1R8
1.8 pF
••
••
••
••
B, C, D
1R9
1.9 pF
••
••
••
••
B, C, D
2R0
2.0 pF
••
••
••
••
B, C, D
2R1
2.1 pF
••
••
••
••
B, C, D
2R2
2.2 pF
••
••
••
••
B, C, D
2R4
2.4 pF
••
••
••
••
B, C, D
2R7
2.7 pF
••
••
••
••
B, C, D
3R0
3.0 pF
••
••
••
B, C, D
3R3
3.3 pF
••
••
••
B, C, D
3R6
3.6 pF
••
••
••
B, C, D
3R9
3.9 pF
••
••
••
B, C, D
4R3
4.3 pF
••
••
••
B, C, D
4R7
4.7 pF
••
••
••
B, C, D
5R1
5.1 pF
••
••
••
B, C, D
5R6
5.6 pF
••
••
••
B, C, D
6R2
6.2 pF
••
••
••
B, C, D
6R8
6.8 pF
••
••
••
B, C, D
7R5
7.5 pF
••
••
••
B, C, D
8R2
8.2 pF
••
••
••
B, C, D
9R1
9.1 pF
••
••
••
B, C, D
100
10 pF
••
••
••
F, G, J, K, M
110
11 pF
••
••
••
F, G, J, K, M
120
12 pF
••
••
••
F, G, J, K, M
130
13 pF
••
••
••
F, G, J, K, M
150
15 pF
••
••
••
F, G, J, K, M
180
18 pF
••
••
F, G, J, K, M
200
20 pF
••
••
F, G, J, K, M
220
22 pF
••
••
F, G, J, K, M
240
24 pF
••
••
F, G, J, K, M
270
27 pF
••
••
F, G, J, K, M
300
30 pF
••
F, G, J, K, M
330
33 pF
••
F, G, J, K, M
360
36 pF
••
F, G, J, K, M
390
39 pF
••
F, G, J, K, M
430
43 pF
••
F, G, J, K, M
470
47 pF
••
F, G, J, K, M
510
51 pF
560
56 pF
620
62 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com