Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-NF2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-NF2
Description  Remote I/O R3 Series T-Link INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NF2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-NF2 Datasheet HTML 1Page - M-System Co.,Ltd. R3-NF2 Datasheet HTML 2Page - M-System Co.,Ltd. R3-NF2 Datasheet HTML 3Page - M-System Co.,Ltd. R3-NF2 Datasheet HTML 4Page - M-System Co.,Ltd. R3-NF2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-NF2
R3-NF2 SPECIFICATIONS
ES-8438 Rev.4 Page 4/5
http://www.m-system.co.jp/
■ 16-POINT DISCRETE DATA (models: R3-DA16, DC16, etc.)
0
15
Input 1 (Output 1)
Input 2 (Output 2)
Input 3 (Output 3)
:
:
Input 16 (Output 16)
0 : OFF
1 : ON
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
27.5 (1.08)
109 (4.29)
10 (.39)
1
2
3
4
5
6
TERMINAL
COVER
6–M3
SCREW
POSITIONING
GUIDE
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INTERNAL POWER
INTERNAL BUS
DIP SW
CONFIGURATION JACK
Control
Circuit
Communication
Circuit
JACK
* When the module is at an end of the transmission line via twisted-pair calbe
(= when there is no cross wiring), close across the RT+ and RT– terminals with the
jumper included in the product package. Remove the jumper for all other locations.
**Not provided with ‘No Power Supply’ type module.
Caution: FG terminal is NOT a protective conductor terminal.
1
4
RUN
+
RUN
–
RUN CONTACT OUTPUT
2
3
6
U (+)
V (–)
FG
POWER INPUT
5
**
**
**
LED
Rotary SW
RT+
RT–
SD
T2
T1
To Other
T-Link
Devices
Isolation
Term. Resist.
–
+
Shielded Twisted-pair
Cable
Close to terminate.*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com