Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-NF2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-NF2
Description  Remote I/O R3 Series T-Link INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NF2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-NF2 Datasheet HTML 1Page - M-System Co.,Ltd. R3-NF2 Datasheet HTML 2Page - M-System Co.,Ltd. R3-NF2 Datasheet HTML 3Page - M-System Co.,Ltd. R3-NF2 Datasheet HTML 4Page - M-System Co.,Ltd. R3-NF2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3-NF2
R3-NF2 SPECIFICATIONS
ES-8438 Rev.4 Page 1/5
http://www.m-system.co.jp/
Remote I/O R3 Series
T-Link INTERFACE MODULE
(Fuji Electric T-Link interface module equivalent)
119
(4.69)
27.5 (1.08)
130
(5.12)
mm (inch)
MODEL: R3–NF2–[1][2]
ORDERING INFORMATION
• Code number: R3-NF2-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-NF2-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] POWER INPUT
N: No power supply
AC Power
K3: 100 – 120 V AC
(Operational voltage range 85 - 132 V, 47 - 66 Hz) *
L3: 200 – 240 V AC
(Operational voltage range 170 - 264 V, 47 - 66 Hz) *
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) *
* Not selectable for use with independent power modules or
network modules with the internal power input options.
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8438)
GENERAL SPECIFICATIONS
Connection
T-Link: Euro type connector terminal (applicable wire size:
0.2 to 2.5 mm2, stripped length 7 mm)
Internal bus: Via the Installation Base
(model: R3-BSx)
Internal power: Via the Installation Base (model: R3-BSx)
Power input, RUN contact output: M3 separable screw
terminal (torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: T-Link to internal bus or internal power to power
input to RUN contact output to FG
Input error data setting: Input value setting at input module
error with side DIP SW
Dual communication setting: Set with the side DIP switch
RUN indicator: Bi-color (green/red) LED; Green ON in normal
communication; Red blinks when receiving data (Function
selected with DIP SW)
ERR indicator: Bi-color (green/red) LED; Green ON in
communication errors or minor failure, blinks at errors in the
internal circuits; Red blinks when transmitting data
(Function selected with DIP SW)
■ RUN CONTACT OUTPUT
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (rate 300 cycles/min.) When
driving an inductive load, external contact protection and
noise quenching recommended.
T-Link SPECIFICATIONS
Configuration: Multi-drop
Communication: Half-duplex
Baud rate: 500 kbps
Max. transmission data capacity: 117 words for input, 125
words for output
Node address: Rotary switch; 00 – 99
Transmission media/distance:
KPEV-SB, 0.75 mm2 × 1 pair, 700 m
T-KPEV-SB, 1.25 mm2 × 1 pair, 1000 m
INSTALLATION
Power consumption
•AC: Approx. 20 VA
•DC: Approx. 12 W
Current consumption (no power supply): 120 mA
Output current (power supply): 230 mA continuous at 20 V
DC; 380 mA for 10 minutes
Operating temperature: -10 to +55°C (14 to 131°F)


Similar Part No. - R3-NF2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-NF1 MSYSTEM-R3-NF1 Datasheet
183Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF1-K3 MSYSTEM-R3-NF1-K3 Datasheet
183Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF1-K3/Q MSYSTEM-R3-NF1-K3/Q Datasheet
183Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF1-L3 MSYSTEM-R3-NF1-L3 Datasheet
183Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF1-L3/Q MSYSTEM-R3-NF1-L3/Q Datasheet
183Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
More results

Similar Description - R3-NF2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GC1 MSYSTEM-R3-GC1 Datasheet
164Kb / 6P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-NF3 MSYSTEM-R3-NF3 Datasheet
193Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF1 MSYSTEM-R3-NF1 Datasheet
183Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NC3 MSYSTEM-R3-NC3 Datasheet
203Kb / 8P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-NC2 MSYSTEM-R3-NC2 Datasheet
189Kb / 8P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-NC1 MSYSTEM-R3-NC1 Datasheet
203Kb / 7P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
R5-NF1 MSYSTEM-R5-NF1 Datasheet
154Kb / 6P
Remote I/O R5 Series T-Link INTERFACE MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com