Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-GGLMP Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-GGLMP
Description  Remote I/O R3 Series INTERFACE I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GGLMP Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-GGLMP Datasheet HTML 1Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 2Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 3Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 4Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 5Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 6Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 7Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 8Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MODEL: R3-GSLMP1
R3-GSLMP1 SPECIFICATIONS
ES-8275 Rev.2 Page 4/10
https://www.m-system.co.jp/
TRANSMISSION DATA DESCRIPTIONS
R3-GSLMP1 reads/writes data from/in devices in SLMP-compatible CPU of Mitsubishi programmable controller MELSEC using
SLMP. Devices from/in which data is read/written and addresses using SLMP are set on R3CON.
Mount the R3-GSLMP1 on the R3 base. Virtual input module sends the data read from SLMP server to the host PLC as an input
data via R3 Interface module. Two signal types; AI (analog input) and DI (digital input) are available as virtual input module. Flow
of the signal is as following.
SLMP Server
R3-GSLMP1
R3 Base
R3
Interface Module
PLC
Virtual output module writes in the data written to the R3 Interface module from the host PLC, to the SLMP server.
Two signal types; AO (analog output) and DO (digital output) are available as virtual output module. Flow of the signal is as
following.
SLMP Server
R3-GSLMP1
R3 Base
R3
Interface Module
PLC
To read/write data from/in devices, 4 types of I/O are available. Refer to the following table.
· I/O TYPE:
READ/WRITE TRANSMITTING POINTS per MODULE
DATA ALLOCATION MODE
VIRTUAL I/O MODULE TYPE
AI (Analog input)
Read
16 points max.
16
Virtual input module
DI (Digital input)
Read
16 points max.
1
Virtual input module
AO (Analog output)
Write
16 points max.
16
Virtual output module
DO (Analog output)
Write
16 points max.
1
Virtual output module
The devices of the SLMP server are allocated to the virtual input module and the virtual output module of the R3-GSLMP1 by
setting the R3-GSLPM1s I/O type, number of channels, device type and device address with R3CON.
· Device Address: Begin address of read/write device (specify with hexadecimal or decimal)
· Channel Number: 1 - 16 (Specify the number of data to read/write from begin address)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com