Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-GGLMP Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R3-GGLMP
Description  Remote I/O R3 Series INTERFACE I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GGLMP Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button R3-GGLMP Datasheet HTML 2Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 3Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 4Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 5Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 6Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 7Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 8Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 9Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MODEL: R3-GSLMP1
R3-GSLMP1 SPECIFICATIONS
ES-8275 Rev.2 Page 7/10
https://www.m-system.co.jp/
· DEVICE CONFIGURATION EXAMPLE 2
Device setting
I/O TYPE
CH. NO.
SLMP DEVICE
DEVICE ADDRESS
DI
10
X
0x000
DI
2
M
0x000
DI
8
Y
0x000
· Virtual I/O modules configuration
1
1
Virtual DI
module 1
Virtual DI
module 2
1
2
Slot No.
Data Allocation
· Data configuration
CH
ADDRESS
F
E
D
C
B
A
9
8
7
6
5
4
3
2
1
0
Virtual DI module 1
n+0
Y3
Y2
Y1
Y0
M1
M0
X9
X8
X7
X6
X5
X4
X3
X2
X1
X0
Virtual DI module 2
n+1
–
–
–
–
–
–
–
–
–
–
–
–
Y7
Y6
Y5
Y4
In this example, total numbers of channles are 20 and uses 2 virtual DI modules. Real I/O modules are mounted on Slots No. 1 and
2, however, the network module (R3-NC3) recognizes that each of Slots No. 1 to 3 is occupied. That is, R3-NC3 recognizes R3-SV4
mounted on Slot No.1 as it is and recognizes R3-GSLMP1 mounted on Slot No.2 as divided into two modules and occupying Slots
No. 2 and 3.
1
2
3
4
5
6
R3
-
SV4
R3-BS06
R3
-
GSLMP1
R3
-
NC3
R3
-
PS1
SLOT
REAL MODULE
VIRTUAL MODULE
DATA ALLOCATION
NO. OF WORDS
Slot No. 1
R3-SV4
–
4
4 words
Slot No. 2
R3-GSLMP1
R3-GSLMP1 (1/2)
1
1 words
Slot No. 3
No module
R3-GSLMP1 (2/2)
1
1 words
Slot No. 4
No module
–
–
Slot No. 5
R3-NC3
–
–
Slot No. 6
R3-PS1
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com