Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC6211 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC6211
Description  Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6211 Datasheet(HTML) 4 Page - Microchip Technology

  MIC6211 Datasheet HTML 1Page - Microchip Technology MIC6211 Datasheet HTML 2Page - Microchip Technology MIC6211 Datasheet HTML 3Page - Microchip Technology MIC6211 Datasheet HTML 4Page - Microchip Technology MIC6211 Datasheet HTML 5Page - Microchip Technology MIC6211 Datasheet HTML 6Page - Microchip Technology MIC6211 Datasheet HTML 7Page - Microchip Technology MIC6211 Datasheet HTML 8Page - Microchip Technology MIC6211 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ELECTRICAL CHARACTERISTICS (DIFFERENTIAL SUPPLY)
Electrical Characteristics: V+ = +15V, V– = –15V VCM = 0V; RL = 2 kΩ; TA = 25°C, TA= TJ; unless otherwise noted.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
—
2
7
mV
—
Average Input
Offset Drift
TCVOS
—
7
—
μV/°C
(Note 1)
Input Bias Current
IB
—
50
250
nA
—
Input Offset Current
IOS
—
8
30
nA
—
Input Voltage
Range
VCM
+13.5
+13.8
—
V
—
-15.0
-15.3
Common-Mode
Rejection Ratio
CMRR
65
100
—
dB
VCM = +13.5V, -15.0V
Power Supply
Rejection Ratio
PSRR
65
110
—
dB
VS = ±2.5V to ±15V
Large-Signal
Voltage Gain
AVOL
25
180
—
V/mV
VO = ±10V
Maximum Output
Voltage Swing
VOUT
±12.5
±14
—
V
—
Bandwidth
BW
—
2.5
—
MHz
—
Slew Rate
SR
—
6
—
V/μs
—
Short-Circuit Output
Current
ISC
30
50
—
mA
Sourcing or Sinking
Supply Current
IS
—
1.3
2.0
mA
—
Note 1: Not production tested.
MIC6211
DS20006346A-page 4
 2020 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com