Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC6211 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC6211
Description  Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6211 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC6211 Datasheet HTML 4Page - Microchip Technology MIC6211 Datasheet HTML 5Page - Microchip Technology MIC6211 Datasheet HTML 6Page - Microchip Technology MIC6211 Datasheet HTML 7Page - Microchip Technology MIC6211 Datasheet HTML 8Page - Microchip Technology MIC6211 Datasheet HTML 9Page - Microchip Technology MIC6211 Datasheet HTML 10Page - Microchip Technology MIC6211 Datasheet HTML 11Page - Microchip Technology MIC6211 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
0
5
10
15
20
25
30
10
100
1000 3000
FREQUENCY (kHz)
V
S = ±15V
R
L = 2k
T
A = 25
°C
MIC6211
DS20006346A-page 8
 2020 Microchip Technology Inc.
FIGURE 2-7:
Large-Signal Frequency
Response.
50
60
70
80
90
100
110
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
V
S = ±15V
FIGURE 2-8:
Common Mode Rejection
Ratio vs. Frequency.
50
60
70
80
90
100
110
120
130
0.001 0.01
0.1
1
10
100
FREQUENCY (kHz)
V
S = ±15V
+PSRR
-PSRR
FIGURE 2-9:
Power Supply Rejection
Ratio vs. Frequency.
40
45
50
55
60
65
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
VS = –15V
FIGURE 2-10:
Short-Circuit Current vs.
Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com