Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7D Datasheet(PDF) 14 Page - M-System Co.,Ltd.

Part # R7D
Description  Remote I/O R7 Series DeviceNet I/O MODULE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D Datasheet(HTML) 14 Page - M-System Co.,Ltd.

Back Button R7D Datasheet HTML 10Page - M-System Co.,Ltd. R7D Datasheet HTML 11Page - M-System Co.,Ltd. R7D Datasheet HTML 12Page - M-System Co.,Ltd. R7D Datasheet HTML 13Page - M-System Co.,Ltd. R7D Datasheet HTML 14Page - M-System Co.,Ltd. R7D Datasheet HTML 15Page - M-System Co.,Ltd. R7D Datasheet HTML 16Page - M-System Co.,Ltd. R7D Datasheet HTML 17Page - M-System Co.,Ltd. R7D Datasheet HTML 18Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
MODEL: R7D
R7D SPECIFICATIONS
ES-7802 Rev.21 Page 14/38
http://www.m-system.co.jp/
DISCRETE INPUT MODULE, 16 points
MODEL: R7D-DA16
SPECIFICATIONS
Common: Positive or negative common (NPN/PNP) per
16 points
Number of I/O: Input, 16 points
Maximum inputs applicable at once: No limit (at 24 V DC)
Input status indicator: LED turns ON with contact ON
Isolation: Input to DeviceNet
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage/current: ≥ 15 V DC (input-COM1) / ≥ 3.5 mA
OFF voltage/current: ≤ 5 V DC (input-COM1) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 2.0 msec.
OFF delay: ≤ 2.0 msec.
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-3 through 1-8 are unused. Be sure to turn
off unused ones.
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
TERMINAL ASSIGNMENTS
10
COM2
11
X1
12
X3
1
COM1
2
X0
3
X2
13
X5
4
X4
14
X7
5
X6
15
X9
6
X8
16
XB
7
XA
17
XD
8
XC
9
XE
18
XF
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
COM1
Common 1
10 COM2 Common 2
2
X0
Input 0
11
X1
Input 1
3
X2
Input 2
12
X3
Input 3
4
X4
Input 4
13
X5
Input 5
5
X6
Input 6
14
X7
Input 7
6
X8
Input 8
15
X9
Input 9
7
XA
Input 10
16
XB
Input 11
8
XC
Input 12
17
XD
Input 13
9
XE
Input 14
18
XF
Input 15
CIRCUIT DIAGRAM
Input Circuit
Comm.
Circuit
Control
Circuit
■ Input Circuit
1
16
17
18
XB
15
X9
XF
10
COM2
XD
14
X7
13
X5
12
X3
11
X1
9
XE
8
XC
7
XA
6
X8
5
X6
4
X4
3
X2
2
X0
COM1
CAN_L
V–
Drain
CAN_H
V+
1
COM1
10
COM2
2
X0
18
XF
Control
Circuit
■ Input Connection Examples
10
1
2
X0
COM1
COM2
–
+
18
XF
PNP Connection
10
1
2
X0
COM1
COM2
– +
18
XF
NPN Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com