Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7D Datasheet(PDF) 25 Page - M-System Co.,Ltd.

Part # R7D
Description  Remote I/O R7 Series DeviceNet I/O MODULE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D Datasheet(HTML) 25 Page - M-System Co.,Ltd.

Back Button R7D Datasheet HTML 21Page - M-System Co.,Ltd. R7D Datasheet HTML 22Page - M-System Co.,Ltd. R7D Datasheet HTML 23Page - M-System Co.,Ltd. R7D Datasheet HTML 24Page - M-System Co.,Ltd. R7D Datasheet HTML 25Page - M-System Co.,Ltd. R7D Datasheet HTML 26Page - M-System Co.,Ltd. R7D Datasheet HTML 27Page - M-System Co.,Ltd. R7D Datasheet HTML 28Page - M-System Co.,Ltd. R7D Datasheet HTML 29Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
MODEL: R7D
R7D SPECIFICATIONS
ES-7802 Rev.21 Page 25/38
http://www.m-system.co.jp/
AC CURRENT INPUT MODULE, 4 points
(clamp-on current sensor CLSE use)
MODEL: R7D-CT4E
SPECIFICATIONS
Isolation: Input 0 to input 1 to input 2 to input 3 to
DeviceNet
Converted data range:
Engineering unit value (A) × 100 (Integer)
(Engineering unit value (A) × 1000 (Integer) for CLSE-R5)
Input range (Optional)
CLSE-R5: 0 – 5 A AC
CLSE-05: 0 – 50 A AC
CLSE-10: 0 – 100 A AC
CLSE-20: 0 – 200 A AC
CLSE-40: 0 – 400 A AC
CLSE-60: 0 – 600 A AC
Frequency: 50/60 Hz
Overload capacity: 120 % continuous
Operational range: 5 – 115 % of rating (Operational range
for the CLSE-60 is limited up to approx. 109 % (65535).)
(Note: Use for the circuit not exceed 480 V)
Conversion rate / conversion accuracy:
10 msec./±2.0 %, 20 msec./±1.0 %, 40 msec./±0.5 %,
80 msec./±0.5 %
(The conversion accuracy does not include the accuracy of
the sensor.)
Response time: ≤ 1.0 sec. (0 – 90 %)
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
OPERATING MODE SETTING
(*) Factory setting
• Input Range (SW1-5, 1-6, 1-7, 1-8)
SW1-5 SW1-6 SW1-7 SW1-8 Input range
OFF
OFF
OFF
OFF
CLSE-60 (*)
ON
OFF
OFF
OFF
CLSE-40
OFF
ON
OFF
OFF
CLSE-20
ON
ON
OFF
OFF
CLSE-10
OFF
OFF
ON
OFF
CLSE-05
ON
OFF
ON
OFF
CLSE-R5
ON
ON
ON
ON
PC Configurator setting
• Conversion Rate / Accuracy (SW1-3, 1-4)
SW1-3 SW1-4
Conversion rate / Accuracy
OFF
OFF
80 msec. / ±0.5% (*)
ON
OFF
40 msec. / ±0.5%
OFF
ON
20 msec. / ±1.0%
ON
ON
10 msec. / ±2.0%
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
TERMINAL ASSIGNMENTS
10
K0
11
L0
12
K1
1
NC
2
NC
3
NC
13
L1
4
NC
14
NC
5
NC
15
K2
6
NC
16
L2
7
NC
17
K3
8
NC
9
NC
18
L3
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
10
K0
AC current K0
2
NC
No connection
11
L0
AC current L0
3
NC
No connection
12
K1
AC current K1
4
NC
No connection
13
L1
AC current L1
5
NC
No connection
14
NC
No connection
6
NC
No connection
15
K2
AC current K2
7
NC
No connection
16
L2
AC current L2
8
NC
No connection
17
K3
AC current K3
9
NC
No connection
18
L3
AC current L3
CIRCUIT DIAGRAM
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Comm.
Circuit
Control
Circuit
CAN_L
V–
Drain
CAN_H
V+
10
K0
■ Input Connection Example
Kn
Ln
11
L0
INPUT 0
K1
L1
INPUT 1
K2
L2
INPUT 2
K3
L3
INPUT 3
12
4
2
13
15
7
16
17
9
18
1
3
5
14
6
8
LOAD
SOURCE
k
l
CLAMP-ON SENSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com