Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7G4HML3-6-SVF4-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-SVF4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-SVF4-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7G4HML3-6-SVF4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: R7G4HML3-6-SVF4
R7G4HML3-6-SVF4 SPECIFICATIONS
ES-7772-B Rev.0 Page 4/8
http://www.m-system.co.jp/
MECHATROLINK RELATED COMMANDS
Commands available with the unit are as follow.
PROFILE
COMMAND
CODE
FUNCTION
Common command
NOP
00H
No operation command
ID_RD
03H
Read ID command
CONFIG
04H
Setup device command
ALM_RD
05H
Read alarm or warning command
ALM_CLR
06H
Clear alarm or warning command
CONNECT
0EH
Establish connection command
DISCONNECT
0FH
Release connection command
Standard I/O profile
DATA_RWA
20H
Transmit I/O data
DATA CONVERSION
■ INPUT RANGE AND DATA CONVERSION (FACTORY DEFAULT SETTING)
Analog input data is converted into digital representations of 0 – 100% proportional to each scaled range.
The converted % values are multiplied by 100 and expressed in16 bits.
Overrange input is possible from -15 to +115% of the nominal range.
When the signal exceeds the limit, the data is fixed at -15% or +115%.
• Input Range 0 – 5V DC
Input Value
Input %
Converted Data, Decimal
Converted Data, Hex
≤ -0.75V
-1500
-15%
FA24
0V
0%
0
0
5V
10000
2710
≥ 5.75V
115%
100%
11500
2CEC
11500 (2CEC)
10000 (2710)
-0.75
-1500 (FA24)
5.0
5.75
0
(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com