Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7G4HML3-6-SVF4-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-SVF4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-SVF4-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7G4HML3-6-SVF4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: R7G4HML3-6-SVF4
R7G4HML3-6-SVF4 SPECIFICATIONS
ES-7772-B Rev.0 Page 2/8
http://www.m-system.co.jp/
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
MECHATROLINK-III COMMUNICATION
Baud rate: 100 Mbps
Transmission distance: 6300 m max.
Distance between stations: 100 m max.
Transmission media: MECHATROLINK cable (Model JEPMC-
W6013-x-E, Yaskawa Controls Co., Ltd.)
Connector: TYCO AMP Industrial mini I/O connector
Max. number of slaves: 62
(The maximum number of slaves might change depending
on the master unit. Refer to the manual of the master unit)
Transmission cycle: 125 µsec., 250 µsec., 500 µsec., 1 – 64
msec. (with 1 msec. increments)
Communication cycle: 125 µsec. through 64 msec.
Applicable profile: Standard I/O profile (cyclic
communication)
Event-driven communication acquiring ID profile (event-
driven communication)
Transmission bytes: 16 bytes
Station address: 03H through EFH (set with rotary switches)
Cyclic communication: Available
Event-driven communication: Available
Slave monitoring: None
INPUT SPECIFICATIONS
■Current range
• Input resistance: 50Ω
• Input range: -20 – +20 mA DC, 0 – 20 mA DC,
4 – 20 mA DC
■Narrow span voltage
• Input resistance: ≧ 100 kΩ
• Input range: -1 – +1 V DC, 0 – 1 V DC,
-0.5 – +0.5 V DC
■Wide span voltage
• Input resistance: ≧ 1 MkΩ
• Input range: -10 – +10 V DC, -5 – +5 V DC,
0 – 10 V DC, 0 – 5 V DC, 1 – 5 V DC
INSTALLATION
Current consumption
•DC: Approx. 100 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: 220 g (0.49 lb)
PERFORMANCE
Conversion accuracy: ±0.1 %
Conversion rate: 200 μsec. per 4 channels
Data range: 0 – 10000 of the input range
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Input delay time: ≤ 1 msec. (0 - 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Isolation: 1500 V AC @ 1 minute
(input 0 to input 1 to input 2 to input 3 MECHATROLINK or
FE to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
Approval:
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1-12)
(UL 61010-2-201, CAN/CSA-C22.2 No.61010-2-201)
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
■ SETTINGS FOR INDIVIDUAL CHANNELS
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Validating/
Invalidating
Valid
Invalid
Valid
Input range
-10 - +10 V DC
-5 - +5 V DC
-1 - +1 V DC
0 - 10 V DC
0 - 5 V DC
1 - 5 V DC
0 - 1 V DC
-0.5 - +0.5 V DC
-20 - +20 mA DC
0 - 20 mA DC
4 - 20 mA DC
-10 - +10 V DC
Bias
-320.00 - +320.00 (%) 0.00 (%)
Gain
-3.2000 - +3.2000
1.0000
Zero scale
-32 000 - +32 000
0
Full scale
-32 000 - +32 000
10 000
■ SETTINGS FOR ALL CHANNELS
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Number of times of
averaging
1, 2, 4, 8, 16, 32, 64,
128, 256
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com