| Electronic Components Datasheet Search |
|
ACE25QC160GLFMLTH Datasheet(PDF) 10 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25QC160GLFMLTH Datasheet(HTML) 10 Page - ACE Technology Co., LTD. |
|
10 / 73 page ![]() ACE25QC160G 16M BIT SPI NOR FLASH VER 1.2 10 Hold Condition The Hold (/HOLD) signal is used to pause any serial communications with the device without resetting the clocking sequence. During the Hold condition, the Serial Data Output (SO) is high impedance, and Serial Data Input (SI) and Serial Clock (SCLK) are Don’t Care. To enter the Hold condition, the device must be selected, with Chip Select (/CS) Low. Normally, the device is kept selected, for the whole duration of the Hold condition. Deselecting the device while it is in the Hold condition, has the effect of resetting the state of the device, and this mechanism can be used if it is required to reset any processes that had been in progress. The Hold condition starts when the Hold (/HOLD) signal is driven Low at the same time as Serial Clock (SCLK) already being Low (as shown in Figure 1). The Hold condition ends when the Hold (HOLD) signal is driven High at the same time as Serial Clock (C) already being Low. Figure 1 also shows what happens if the rising and falling edges are not timed to coincide with Serial Clock (SCLK) being Low. Status Register Status Register Table See Table 3 for detail description of the Status Register bits. Table3. Status Register S23 S22 S21 S20 S19 S18 S17 S16 Reserved DRV1 DRV0 Reserved Reserved Reserved Reserved Reserved S15 S14 S13 S12 S11 S10 S9 S8 SUS1 CMP LB3 LB2 LB1 SUS2 QE SRP1 S7 S6 S5 S4 S3 S2 S1 S0 SRP0 BP4 BP3 BP2 BP1 BP0 WEL WIP Figure1. Hold condition activation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |