Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC885ZP66 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MPC885ZP66
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885ZP66 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MPC885ZP66 Datasheet HTML 71Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 72Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 73Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 74Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 75Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 76Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 77Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 78Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
Freescale Semiconductor
75
Mechanical Data and Ordering Information
16 Mechanical Data and Ordering Information
Table 38 identifies the available packages and operating frequencies for the MPC885/MPC880 derivative
devices.
Table 38. Available MPC885/MPC880 Packages/Frequencies
Package Type
Temperature (Tj)
Frequency (MHz)
Order Number
Plastic ball grid array
ZP suffix — Leaded
VR suffix — Lead-Free are available as needed
0
°C to 95°C
66
KMPC885ZP66
KMPC880ZP66
MPC885ZP66
MPC880ZP66
80
KMPC885ZP80
KMPC880ZP80
MPC885ZP80
MPC880ZP80
133
KMPC885ZP133
KMPC880ZP133
MPC885ZP133
MPC880ZP133
Plastic ball grid array
CZP suffix — Leaded
CVR suffix — Lead-Free are available as needed
-40
°C to 100°C
66
KMPC885CZP66
KMPC880CZP66
MPC885CZP66
MPC880CZP66
133
KMPC885CZP133
KMPC880CZP133
MPC885CZP133
MPC880CZP133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com