Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD293 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # CMD293
Description  20-45 GHz Driver Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD293 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button CMD293 Datasheet HTML 5Page - Qorvo, Inc CMD293 Datasheet HTML 6Page - Qorvo, Inc CMD293 Datasheet HTML 7Page - Qorvo, Inc CMD293 Datasheet HTML 8Page - Qorvo, Inc CMD293 Datasheet HTML 9Page - Qorvo, Inc CMD293 Datasheet HTML 10Page - Qorvo, Inc CMD293 Datasheet HTML 11Page - Qorvo, Inc CMD293 Datasheet HTML 12Page - Qorvo, Inc CMD293 Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CMD293
20-45 GHz Driver Amplifier
Data Sheet | February 17, 2021 | Subject to change without notice
9 of 14
www.qorvo.com
®
Typical Performance
Detector Voltage (Vref-Vdet), Vdd = 5.0 V, Idd = 480 mA, F = 30 GHz
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
5
10
15
20
25
30
Output Power/dBm
0.0001
0.001
0.01
0.1
1
Output Power/dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com