Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD293 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # CMD293
Description  20-45 GHz Driver Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD293 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button CMD293 Datasheet HTML 6Page - Qorvo, Inc CMD293 Datasheet HTML 7Page - Qorvo, Inc CMD293 Datasheet HTML 8Page - Qorvo, Inc CMD293 Datasheet HTML 9Page - Qorvo, Inc CMD293 Datasheet HTML 10Page - Qorvo, Inc CMD293 Datasheet HTML 11Page - Qorvo, Inc CMD293 Datasheet HTML 12Page - Qorvo, Inc CMD293 Datasheet HTML 13Page - Qorvo, Inc CMD293 Datasheet HTML 14Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CMD293
20-45 GHz Driver Amplifier
Data Sheet | February 17, 2021 | Subject to change without notice
13 of 14
www.qorvo.com
®
Applications Information
Application Circuit
Biasing and Operation
The CMD293 is biased with a positive drain supply and a negative gate supply. Performance is optimized when the drain
voltage is set to +5 V, though it may be set to as low as +3 V. The nominal gate voltage is -0.4 V.
Turn ON procedure:
1.
Apply gate voltage Vgg and set to -2 V
2.
Apply drain voltage Vdd and set to +5 V
3.
Increase Vgg (less negative) to achieve a drain current of 480 mA
Turn OFF procedure:
1.
Turn off drain voltage Vdd
2.
Turn off gate voltage Vgg
RF power can be applied at any time.
1
8
RF in
0.1 uF
5
Vgg1
RF out
100 pF
0.1 uF
Vdd1
100 pF
4
3
6
2
7
0.1 uF
Vdd2
100 pF
0.1 uF
Vgg2
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com