Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC600-1024G Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC600-1024G
Description  600 W standard, 420 W convection cooled
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600-1024G Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC600-1024G Datasheet HTML 1Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 2Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 3Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 4Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 5Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 6Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 7Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 8Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ABC600 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00336_AJ
General Condition: Tamb = -25 to 70°C unless otherwise noted.
Vin
Input Voltage Ranges
Universal Input
90
100-250
277
VAC
120
390
VDC
Iin max
Max Input Current
Vin = 90 VAC/60 Hz, Full load
9
Arms
Iinrush
Inrush Current Limitation
Vi min to Vi max,
20
Apk
Fi
Input Frequency
47
50/60
63
Hz
PF
Power Factor
Vin nom, 50 Hz, > 50% full load.
0.95
0.99
1
η
Efficiency without Fan
Vi n= 230 VAC, 20% of Full load, Tamb = 25°C
91.0
%
Vin = 230 VAC, 50% of Full load, Tamb = 25°C
94.0
Vin = 230 VAC, 100% of Full load, Tamb = 25°C
93.0
Pmin
Min Power at no Load
Vin = 120 VAC, Tamb = 25°C, if diable V1
5
W
ILeakage
Leakage Current
Vin = 120 VAC, Tamb = 25°C, Input to Earth
3
mA
Vin = 277 VAC, Tamb = 25°C, Input to Earth
3
mA
Thold
Hold-up Time
Vin = 230 VAC, Full load, Vsb within regulation,
stay within 90%*V1nom from AC zero point
16
ms
General Condition: Tamb = -25 to 70°C unless otherwise noted.
Main Output V1
V1 set
Output Set Point Accuracy
0.5
∙I1 nom, Tamb = 25°C
-0.5
+0.5
% V1 nom
V1 nom
Nominal Output Voltage
Refer to ordering information table as above
VDC
V1 total reg
Total Regulation
Vin min to Vin max, 0 to 100% I1 nom, Tamb min to Tamb max
-2
+2
% V1 nom
Vadj
Voltage Adjustment
V1 output voltage could be adjusted with the
potentiometer or I2C protocol
+/-10
% V1 nom
v1 pp
Output Ripple Voltage
V1 nom, I1 nom, 20 MHz BW #1
1
% V1 nom
V1 Load reg
Load Regulation
Vi = Vi nom, 0…100% I1 nom
2
% V1 nom
V1 Line reg
Line Regulation
Vi =Vi min…Vi max
1
% V1 nom
Ishare
Current Sharing abs (I1-I2),
between any two units in
parallel)
when Bus load
≥ 25% of full load
2.5
A
when Bus load <25% of full load #2
3.5
A
V1 dyn
Dynamic Load Regulation
50 to 100% of load change, 50 Hz, 50% duty cycle,
1 A/us
-5
+5
% V1 nom
Tv1 rec
Recovery Time
0.5
5
mS
V1 Overshoot
V1 overshoot at turn-on
1
%
Cv1 Load
Capacitive Loading
Tamb = 25°C, CLoad = 220 uF/A*I1norm
μF
Standby Output Vsb
Vsb nom
Nominal Output Voltage
5
VDC
Vsb total reg
Total Regulation
Vsb min to Vsb max, 0 to 100% Isb nom, Tamb min to Tamb
max
-2
+2
% Vsb
Psb nom
Nominal Output Power
Vsb = 5 VDC
5
W
Vsb pp
Output Ripple Voltage
Vsb nom, Isb nom, 20 MHz BW
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com