Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC600-1024G Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # ABC600-1024G
Description  600 W standard, 420 W convection cooled
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600-1024G Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button ABC600-1024G Datasheet HTML 4Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 5Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 6Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 7Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 8Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 9Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 10Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 11Page - Bel Fuse Inc. ABC600-1024G Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ABC600 Series
9
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00336_AJ
Operating Temperature
See derating charts above Figure 2, Tamb min =-25°C, Tamb max = 70°C
-25 to 70°C
Storage Temperature
-40 to 85°C
Relative Humidity
Operating humidity:
Non-operating humidity, non-condensing
5%-90%
5%-95%
Altitude
Operating:
Non-operating:
10,000 ft.
40,000 ft.
CE Mark
Complies with LVD Directive
Conducted Emissions:
EN55022-B, CISPR22-B, FCC PART15-B
Criterion B
Static Discharge
EN61000-4-2, Level-3
Criterion A
RF Field Susceptibility
EN61000-4-3, Level-3
Criterion A
Fast Transients/Bursts
EN61000-4-4, Level-3
Criterion B
Radiated Emissions
EN55022-B, CISPR22-B, FCC PART15-B
Criterion B
Surge Susceptibility
EN61000-4-5, Level-3
Criterion B
RF Immunity
EN61000-4-6, Level-3
Criterion A
Magnetic Fields
EN61000-4-8, Level-4
Criterion A
Voltage Interruptions
EN61000-4-11
Criterion B
Harmonic Current
EN61000-3-2, Level A
Criterion A
Voltage Fluctuations / Flicker
EN61000-3-3
Vibration
Operating: Random vibration; 5 to 500 Hz (10 minutes, each axis).
Max. 2.4Grms
Non-Operating: Random vibration; 5 to 500 Hz (10 minutes, each axis).
Max. 6Grms
Shock
Operating: half-sine, 11 ± 3 mS 3-axis.
Max. 15G
Non-Operating: half-sine, 11 ± 3 mS 3-axis.
Max. 40G
Maximum electric strength testing is performed according to UL/CSA60950-1, EN60950-1, and IEC60950-1. Input-to-output electric
strength tests should not be repeated in the field. Bel Power Solutions will not honor any warranty claims resulting from electric
strength field tests.
Agency Approvals
Approved to the latest edition of the following
standards: CSA/UL60950-1, EN60950-1 and
IEC60950-1.
Nemko, cCSAus, CE
Approved by independent body
(see CE Declaration)
Isolation Strength
Input (L/N) to case (PE)
Input (L/N) to output
Output to case (PE)
Basic
Reinforced
Functional
Creepage / Clearance
Primary (L/N) to protective earth (PE)
Primary to secondary
Min 4.0/2.5 mm
Min 8/5 mm
Electrical Strength Test
Input to case
Input to output
Output and Signals to case
1840/2600 VAC/VDC
3000/4242 VAC/VDC
500 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com