Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGV100-F200-R4-V19 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # PGV100-F200-R4-V19
Description  Optical reading head
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PGV100-F200-R4-V19 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  PGV100-F200-R4-V19 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PGV100-F200-R4-V19 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PGV100-F200-R4-V19 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Optical reading head
PGV100-F200-R4-V19
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
PCV-MB1
Mounting bracket for PCV* read head
Vision Configurator
Operating software for camera-based
sensors
Accessories
Mounting and Commissioning
Mount the reader such that the optical surface of the device captures the optimum reading di-
stance to the colored strip (see "Technical Data"). The stability of the mounting and the manner
in which the vehicle is guided ensure that the reader is not operated outside of its depth of focus
range. The colored strip must not leave the maximum reading window for the reader during this
process.
All readers can be adapted to optimally meet specific requirements by means of parameteriza-
tion.
Indicators and Operating Controls
The PGV... reader is equipped with seven indicator LEDs for carrying out visual function
checks and rapid diagnostics. The reader is equipped with two buttons at the back for acti-
vating the alignment aid and parameterization mode.
LEDs
External Parameterization
In order to parameterize the device externally, the parameterization code is required in the form
of a Data Matrix containing the desired reader parameters. Data Matrix code cards detailing
the step-by-step process for externally parameterizing the device are printed in the operating
instructions for the reader.
The reader can be parameterized only within ten minutes of being switched on. If a key is pres-
sed after ten minutes of the device being switched on, a visual signal is given by the LEDs
(LED1, yellow/LED2, red/LED3, yellow/LED4, yellow/LED5, yellow, flashing for two seconds).
• The switchover from normal mode to parameterization mode is made by pressing button
2 on the back of the reader. To switch the device over, button 2 must be pressed and held
for more than two seconds. LED3 then flashes.
Note: Parameterization mode is exited automatically if the device is inactive for one
minute. In this case, the reader reverts to normal mode and operates without the settings
having been changed.
• Place the parameterization code in the field of vision of the camera module. After the pa-
rameterization code is detected, the green LED2 lights up for one second. In the event of
an invalid parameterization code, LED2 lights up red for two seconds.
• Briefly pressing button 2 will end parameterization mode.
LED
Color
Label
Meaning
1
Yellow
COM
Communication active
2
Green/red
PWR
ERR/NO CODE
Code detected/not detected, error
3
Yellow
LANE AVAILABLE
Lane available
4
Yellow
FOLLOW LEFT
"Follow left-hand lane" activated
5
Yellow
FOLLOW RIGHT
"Follow right-hand lane" activated
6
Red/green/yel-
low
INTERNAL
DIAGNOSTIC
Internal diagnostics
7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com