Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGV100-F200-R4-V19 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # PGV100-F200-R4-V19
Description  Optical reading head
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PGV100-F200-R4-V19 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  PGV100-F200-R4-V19 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PGV100-F200-R4-V19 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PGV100-F200-R4-V19 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PGV100-F200-R4-V19
Optical reading head
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Protective laminate for PGV code tape
PGV85-CT4
Data matrix tag for PGV system
PGV33M-CB19-BU
PGV color-tape blue
PGV33M-CB19-GN
PGV color-tape green
PGV33M-CB19-RD
PGV color-tape red
PGV33M-CB19-YE
PGV color-tape yellow
Additional information
Accessories
PCV-USB-RS485-Converter Set
USB to RS 485 interface converter
PCV-KBL-V19-STR-RS485
Cable unit with power supply for USB /
RS-485 interface converter
V19-G-ABG-PG9
Female connector, M12, 8-pin, shielded,
field attachable
V19-G-ABG-PG9-FE
Female connector, M12, 8-pin, shielded,
field attachable
PCV-SC12
Grounding clip for PCV system
PCV-AG100
Alignment guide for PCV100-* read head
PCV-LM25
Marker head for 25 mm code tape
System components
ADJUST
CONFIG
1
2
LED
1
2
3
4
5
6
7
General
The PGV… reader forms part of the positioning system in the Pepperl+Fuchs incident light pro-
cess. The reader's features include a camera module and an integrated illumination unit. The
reader uses these features to detect a colored strip stuck to the floor to track the lane. The rea-
der also detects control codes and position markers in the form of Data Matrix codes attached
to a self-adhesive code tape. The code tape is usually mounted in a fixed position instead of
the colored strip or parallel to the colored strip. The reader is located on the front of an automa-
ted guided vehicle and guides this vehicle along the colored strip.
Dimensions
Electrical connection
Pinout
7
1
2
3
4 5
6
8
38.5
70
14.5
1
2
1
2
3
4
5
6
7
8
OUT 2 / IN 2
+ UB
Data+ / TX / 485+
Data- / RX / 485-
OUT 1
IN 1
GND
OUT 3 / IN 3
1
4
6
7
8
5
3
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com