Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2210DEVB01 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPA2210DEVB01
Description  27 ??31 GHz 7 Watt GaN Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2210DEVB01 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPA2210DEVB01 Datasheet HTML 1Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 2Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 3Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 4Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 5Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 6Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 7Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 8Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
QPA2210D
27 – 31 GHz 7 Watt GaN Power Amplifier
Data Sheet Rev. C, January 2021 | Subject to change without notice
2 of 22
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Value / Range
Drain Voltage (VD)
29.5 V
Gate Voltage Range (VG)
−5 V to 0 V
Drain Current (ID)
2800 mA
Gate Current (IG)
See plot pg. 17
Power Dissipation (PDISS), 85 °C
20 W
Input Power (PIN
), 50 Ω,
VD=20 V, IDQ=200 mA, 85 °C
33 dBm
Input Power (PIN), 3:1 VSWR,
VD=20 V, IDQ=200 mA, 85 °C
33 dBm
Soldering Temperature (30 s, max.)
320 °C
Storage Temperature
−55 to +150 °C
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions
is not implied.
Recommended Operating Conditions
Parameter
Value / Range
Drain Voltage (VD)
20 V
Drain Current (IDQ)
200 mA
Operating Temperature
−40 to +85 °C
Electrical
specifications
are
measured
at
specified
test
conditions.
Specifications
are
not
guaranteed
over
all
recommended operating conditions.
Electrical Specifications
Parameter
Min
Typ
Max
Units
Operational Frequency
27
31
GHz
Output Power (PIN=21 dBm)
27 GHz
29 GHz
31 GHz
38.8
39.0
38.8
dBm
dBm
dBm
Power Added Efficiency (PIN=21 dBm)
27 GHz
29 GHz
31 GHz
34.7
33.7
33.9
%
%
%
Small Signal Gain
27 GHz
29 GHz
31 GHz
27.0
27.3
26.0
dB
dB
dB
Input Return Loss
27 GHz
29 GHz
31 GHz
20
11
14
dB
dB
dB
Output Return Loss
27 GHz
29 GHz
31 GHz
7
9
8
dB
dB
dB
IMD3 (POUT/Tone=31 dBm, 10 MHz tone
spacing)
27 GHz
29 GHz
31 GHz
−34
−29
−29
dBc
dBc
dBc
POUT
Temp. Coeff. (85 °C to 25 °C, PIN = 21 dBm))
−0.020
dB/°C
Sm. Sig. Gain Temp. Coefficient (85 °C to −40 °C)
−0.094
dB/°C
Test conditions, unless otherwise noted: T = +25 °C, VD = 20 V, IDQ = 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com