Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2210DEVB01 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # QPA2210DEVB01
Description  27 ??31 GHz 7 Watt GaN Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2210DEVB01 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button QPA2210DEVB01 Datasheet HTML 14Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 15Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 16Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 17Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 18Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 19Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 20Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 21Page - Qorvo, Inc QPA2210DEVB01 Datasheet HTML 22Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
QPA2210D
27 – 31 GHz 7 Watt GaN Power Amplifier
Data Sheet Rev. C, January 2021 | Subject to change without notice
21 of 22
www.qorvo.com
®
Assembly Notes
Component placement and adhesive attachment assembly notes:
• Vacuum pencils and/or vacuum collets are the preferred method of pick up.
• Air bridges must be avoided during placement.
• The force impact is critical during auto placement.
Reflow process assembly notes:
• Use AuSn (80/20) solder and limit exposure to temperatures above 300 °C to 3 – 4 minutes, maximum.
• An alloy station or conveyor furnace with reducing atmosphere should be used.
• Do not use any kind of flux.
• Coefficient of thermal expansion matching is critical for long-term reliability.
• Devices must be stored in a dry nitrogen atmosphere.
Interconnect process assembly notes:
• Thermosonic ball bonding is the preferred interconnect technique.
• Force, time, and ultrasonic are critical parameters.
• Aluminum wire should not be used.
• Devices with small pad sizes should be bonded with 0.0007-inch wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com