Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM55003 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QM55003
Description  Mid-Band Low-Band NB-IoT TxM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM55003 Datasheet(HTML) 2 Page - Qorvo, Inc

  QM55003 Datasheet HTML 1Page - Qorvo, Inc QM55003 Datasheet HTML 2Page - Qorvo, Inc QM55003 Datasheet HTML 3Page - Qorvo, Inc QM55003 Datasheet HTML 4Page - Qorvo, Inc QM55003 Datasheet HTML 5Page - Qorvo, Inc QM55003 Datasheet HTML 6Page - Qorvo, Inc QM55003 Datasheet HTML 7Page - Qorvo, Inc QM55003 Datasheet HTML 8Page - Qorvo, Inc QM55003 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
QM55003
Mid-Band Low-Band NB_IoT TxM
QM55003 Data Sheet Rev C | Subject to change without notice
2 of 25
www.qorvo.com
Absolute Maximum Ratings
Parameter
Conditions
Rating
Supply Voltage, VCC
Standby, Idle, Operating Mode
6V
Supply Voltage, Vbatt
Standby, Idle, Operating Mode
6V
VIO and Digital control signals
(SCLK, SDATA)
2.0 V
RF Input Power
10dBm
Output Load VSWR (Ruggedness)
Ruggedness is guaranteed with open loop condition,
Pin adjusted for Pout = Max Prated into 50
Ω load,
Vcc = Vbat = 4.5V, over temperature
20:1
Operating Temperature
-40 to +105
 °C
Storage Temperature
-50 to 150
 °C
ESD
HBM
1500V
ESD
CDM
1000V
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of the Absolute
Maximum Rating conditions to the device may reduce device reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating
conditions is not implied.
Recommended Operating Conditions
Parameter
Min.
Typ.
Max.
Units
Supply Voltage, Vbatt
1.8
3.0
4.5
V
Supply Voltage, Vcc
0.5(1)
2.5
4.5
V
Supply Voltage, VIO
1.65
1.8
1.95
V
MIPI RFFE logic low (SCLK,SDATA)
0
0.3*VIO
V
MIPI RFFE logic high (SCLK,SDATA)
0.7*VIO
VIO
V
Leakage Current
0
0.3
3(2)
uA
VIO Rise Time (required for device
reset)
0
400
us
Operating Ambient Temperature
-40
25
+85
°C
Note 1: Vcc down to 0.5V may be used for backed-off power when using DC/DC converter to reduce low power current drain. Refer to Look-up Table (LUT, supplied
separately) for recommended Vcc settings for each output power level.
Note 2: Device in Power Down Mode, VIO = 1.8V, Vbatt = 3.0V, Vcc = 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com