Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-DCM16ALH/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R8-DCM16ALH/Q
Description  Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DCM16ALH/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R8-DCM16ALH/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DCM16ALH/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DCM16ALH/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DCM16ALH/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DCM16ALH/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-DCM16ALH/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: R8-DCM16ALH
http://www.m-system.co.jp/
R8-DCM16ALH SPECIFICATIONS
ES-9746 Rev.3 Page 6/6
■ OUTPUT CIRCUIT
Control
Circuit
1
Do 1
16 Do 16
0V
+24V
20
19
17
18
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com