Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-DCM16ALH/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-DCM16ALH/Q
Description  Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DCM16ALH/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-DCM16ALH/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DCM16ALH/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DCM16ALH/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DCM16ALH/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DCM16ALH/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-DCM16ALH/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R8-DCM16ALH
http://www.m-system.co.jp/
R8-DCM16ALH SPECIFICATIONS
ES-9746 Rev.3 Page 2/6
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 1.5 msec.
With shortcircuit protection
With overheat protection
(When driving an inductive load, connect a diode in parallel
with the load.)
INSTALLATION
Max. current consumption: 160 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 110 g (0.24 lb)
PERFORMANCE
Data allocation: 1
Module addresses in use: 1
Power output (input connector): Rated curent 50 mA DC per
channel
Power output (output connector): Rated curent 3 A DC
(rated current 3 A for internal fuse (slow blow fuse i2t (A2sec)
max. 5.04)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500V AC @1 minute
(I/O or exc. supply to internal bus or internal power to
ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
OUT
1
2
19
20
IL ALL
IL1
IL2
Full Interlock
Indicator LED
Partial Interlock
2
Indicator LED
Partial Interlock 2
Connector
Partial Interlock
1
Indicator LED
Partial Interlock 1
Connector
Full interlock
Connector
8
7
6
5
4
3
2
1
SW1
SW2
On
1 2
SW3
On
2 1
2 1
SW5
On
On
SW4
RUN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Function Setting
DIP SW
Status Indicator LED
Discrete Output Indicator LED
Internal Bus Connector
Output Connector
FRONT VIEW
LEFT SIDE VIEW
Full Interlock
Function Setting
DIP SW
RIGTH SIDE VIEW
Partial Interlock
Function 1 Setting
DIP SW
Partial Interlock
Function 2 Setting
Rotary SW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com