Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA1022DEVB Datasheet(PDF) 12 Page - Qorvo, Inc

Part # QPA1022DEVB
Description  8.5 ??11 GHz 4 W GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1022DEVB Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button QPA1022DEVB Datasheet HTML 8Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 9Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 10Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 11Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 12Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 13Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 14Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 15Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
QPA1022D
8.5  – 11 GHz 4 W GaN Power Amplifier
Data Sheet Rev B, Feb 2021 | Subject to change without notice
12 of 17
www.qorvo.com
®
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (θJC) (1)
Tbase = 85 ºC, VD = 22 V, IDQ = 180 mA, PDISS = 3.96 W,
CW, No RF (quiescent DC operation)
8.3
ºC/W
Channel Temperature, TCH (No RF) (2)
118
ºC
Thermal Resistance (θJC) (1)
Tbase = 85 ºC, VD = 22 V, IDQ = 180 mA, CW
Freq = 9.5 GHz, ID_Drive = 0.472 A, PIN = 18 dBm, POUT =
36.4 dBm, PDISS = 6.08 W
9.0
ºC/W
Channel Temperature, TCH (Under RF) (2)
140
ºC
Notes:
1.
Thermal resistance is referenced to the back of Cu-Mo carrier plate, assuming carrier thickness 20 mils, eutectic die
attachment, back side of carrier temperature at 85 ºC
2.
Refer to the following document: GaN Device Channel Temperature, Thermal Resistance, and Reliability Estimates
Dissipated Power under RF Drive
Test conditions otherwise noted: VD = 22 V, IDQ = 180 mA, CW, Temperature = +8
5 °C
0
1
2
3
4
5
6
7
8
9
10
-10 -8
-6
-4
-2
0
2
4
6
8
10 12 14 16 18
Pin (dBm)
Pdiss vs Pin
8.5 GHz
9.5 GHz
10.5 GHz
Temperature @ 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com