Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA1022DEVB Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPA1022DEVB
Description  8.5 ??11 GHz 4 W GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1022DEVB Datasheet(HTML) 1 Page - Qorvo, Inc

  QPA1022DEVB Datasheet HTML 1Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 2Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 3Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 4Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 5Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 6Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 7Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 8Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
QPA1022D
8.5 – 11 GHz 4 W GaN Power Amplifier
Data Sheet Rev B, Feb 2021 | Subject to change without notice
1 of 17
www.qorvo.com
®
Ordering Information
Part No.
Description
QPA1022D
8.5 to 11 GHz 4 W GaN Power Amplifier
QPA1022DS2
Device Sample (2 pcs)
QPA1022DEVB
Evaluation Board for QPA1022D
Product Overview
Qorvo’s QPA1022D is a MMIC power amplifier fabricated
on Qorvo’s production 0.15 um GaN on SiC process
(QGaN15). Covering 8.5
 – 11.0 GHz, the QPA1022D
provides > 4 W of saturated output power and 24 dB of
large-signal gain while achieving
45% power-added
efficiency.
The QPA1022D
is matched to 50Ω with integrated DC
blocking capacitors at RF output and DC grounded input
port. It also has a built-in power detector for system RF
power checking. With a compact dimension of 2.65 x 1.25
x 0.10 mm, it can support tight lattice spacing requirements
for phased array radar applications. It is also an ideal
component to support test instrumentation and commercial
communication systems.
Key Features
• Frequency Range: 8.5 – 11 GHz
• PSAT (PIN=12 dBm): 36 dBm
• PAE (PIN=12 dBm): 45 %
• Power Gain (PIN= 12 dBm): 24 dB
• Small Signal Gain: 31 dB
• Bias: VD = 22 V, IDQ = 180 mA
• Die Dimensions: 2.63 x 1.23 x 0.10 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.
Functional Block Diagram
Applications
• Radar
• Electronic Warfare
• Communications
• Instrumentations


Similar Part No. - QPA1022DEVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA1022 QORVO-QPA1022 Datasheet
1Mb / 17P
8.5 ??11 GHz 4 W GaN Power Amplifier
QPA1022EVB0 QORVO-QPA1022EVB0 Datasheet
1Mb / 17P
8.5 ??11 GHz 4 W GaN Power Amplifier
QPA1022TR QORVO-QPA1022TR Datasheet
1Mb / 17P
8.5 ??11 GHz 4 W GaN Power Amplifier
More results

Similar Description - QPA1022DEVB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 3.2
CMPA5585025D CREE-CMPA5585025D Datasheet
348Kb / 7P
25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev 1.1
CMPA5585025F CREE-CMPA5585025F Datasheet
2Mb / 19P
25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev 4.1
CMPA5585030D CREE-CMPA5585030D Datasheet
453Kb / 9P
30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
CMPA5585030F CREE-CMPA5585030F Datasheet
1Mb / 17P
30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
logo
Qorvo, Inc
QPA1022 QORVO-QPA1022 Datasheet
1Mb / 17P
8.5 ??11 GHz 4 W GaN Power Amplifier
TGA2238-CP QORVO-TGA2238-CP Datasheet
572Kb / 14P
8 ??11 GHz 50 W GaN Power Amplifier
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
8 ??11 GHz 60 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA5585030D WOLFSPEED-CMPA5585030D Datasheet
297Kb / 9P
30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev. 2.0, 2022-8-23
CMPA5585030F WOLFSPEED-CMPA5585030F Datasheet
2Mb / 17P
30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev. 2.0, 2022-10-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com