Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD70211 Datasheet(PDF) 9 Page - Microchip Technology

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70211 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PD70211 Datasheet HTML 5Page - Microchip Technology PD70211 Datasheet HTML 6Page - Microchip Technology PD70211 Datasheet HTML 7Page - Microchip Technology PD70211 Datasheet HTML 8Page - Microchip Technology PD70211 Datasheet HTML 9Page - Microchip Technology PD70211 Datasheet HTML 10Page - Microchip Technology PD70211 Datasheet HTML 11Page - Microchip Technology PD70211 Datasheet HTML 12Page - Microchip Technology PD70211 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
2.4
Electrical Characteristics
This section describes the electrical characteristics of the front-end and PWM sections, thermal protection
mechanism against excessive internal temperature, and wall adapter mode functionality.
2.4.1
Electrical Characteristics of Front-End Section
Unless otherwise specified under conditions, the minimum and maximum ratings stated in the following table apply
over the entire specified operating ratings of the PD70211 device. Typical values are determined either by design or
by production testing at 25 °C ambient temperature. Voltages are with respect to IC ground (VPN_IN).
Table 2-5. Typical Electrical Performance
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage
IIN
IC input current with ICLASS off VPP = 55V
—
1
3
mA
Detection Phase
VDET
Detection range
—
1.1
—
10.1
V
RDET_TH
RDET disconnect threshold
—
10.1
—
12.8
V
RDS_DET_ON
ON-Resistance of internal
FET during detection
—
—
—
50
Ω
RDS_DET_OFF OFF-Resistance of internal
FET after detection
—
2
—
—
MΩ
IOFFSET_DET
Input offset current
1.1V ≤ VPP ≤ 10.1V,
TJ ≤ 85 °C
—
—
5
μA
VR_DET_ON
Threshold when VPP goes
low
—
2.8
3.0
4.85
V
Classification Phase
VCLS_ON
Classification sink turn-ON
threshold
—
11.4
—
13.7
V
VCLS_OFF
Classification sink turn-OFF
threshold
—
20.9
—
23.9
V
VHYS_CLS_ON Hysteresis of VCLS_ON
threshold
—
—
1
—
V
VMARK_TH
Mark detection threshold
(VPP falling)
—
10.1
—
11.4
V
IMARK
Current sink in the mark event
region
—
0.25
—
4
mA
ICLASS_CLIM
Current limit of class current
—
50
68
80
mA
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com