Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD70211 Datasheet(PDF) 15 Page - Microchip Technology

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70211 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PD70211 Datasheet HTML 11Page - Microchip Technology PD70211 Datasheet HTML 12Page - Microchip Technology PD70211 Datasheet HTML 13Page - Microchip Technology PD70211 Datasheet HTML 14Page - Microchip Technology PD70211 Datasheet HTML 15Page - Microchip Technology PD70211 Datasheet HTML 16Page - Microchip Technology PD70211 Datasheet HTML 17Page - Microchip Technology PD70211 Datasheet HTML 18Page - Microchip Technology PD70211 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
2.4.3
Thermal Protection
The PD70211 device is protected from the excessive internal temperatures that might occur during various operating
procedures. The following two temperature sensors are located on the chip monitor temperatures.
• Isolating switch (pass-FET)
• Classification current sink
Each of the given temperature sensors activates a protection mechanism that disconnects the Isolation (pass) FET or
the classification circuit, respectively. This action protects the device from being permanently damaged or even from
long-term degradation.
2.4.4
Wall Adapter Mode
The PD70211 device supports wall adapter functionality. That is, by setting WA_EN pin high, it gives priority to the
wall adapter jack to supply the load.
The WA_EN pin is used while connecting a wall adapter voltage between VPP and VPN_OUT by means of an OR-
ing diode.
While WA_EN, the wall adapter enable pin, is held low (referenced to VPN_IN), the front-end works as a normal PD.
When WA_EN pin is raised high (referenced to VPN_IN), the following three internal operations are forced:
• The Isolation FET is turned OFF.
• All output flags, like AT_FLAG, HD_FLAG, 4P_AT_FLAG, and 4P_HD_FLAG are activated (low state).
• VAUX output voltage is turned ON.
While activating the WA_EN pin, the wall adapter supplies the input voltage for the DC-DC converter. Having WA_EN
pin at high state does not disable detection and classification modes.
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com